Electronic Components Datasheet Search
  English  ▼

X  

LM2631 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2631
Description  Synchronous Step-Down Power Supply Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2631 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2631 Datasheet HTML 2Page - National Semiconductor (TI) LM2631 Datasheet HTML 3Page - National Semiconductor (TI) LM2631 Datasheet HTML 4Page - National Semiconductor (TI) LM2631 Datasheet HTML 5Page - National Semiconductor (TI) LM2631 Datasheet HTML 6Page - National Semiconductor (TI) LM2631 Datasheet HTML 7Page - National Semiconductor (TI) LM2631 Datasheet HTML 8Page - National Semiconductor (TI) LM2631 Datasheet HTML 9Page - National Semiconductor (TI) LM2631 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Connection Diagram and Ordering Information
Pin Description
Pin
Name
Function
1SD
Shutdown control input, active low.
2
SYNC
Oscillator synchronization input. Connect this pin to ground if not used.
3
PGOOD
A constant monitor on the output voltage. PGOOD will go low if the output voltage
exceeds ±9% of its nominal value. Once PGOOD goes low, it will go high if the output
moves within ±3% of its nominal value.
4
SS
The soft-start control pin. A capacitor connected from this pin to ground sets the ramp
time to full current output.
5
COMP
Compensation network connection (connected to the output of the voltage error
amplifier).
6
FB
Output voltage feedback input (connected to the center of the external resistor divider).
7
FADJ
Frequency adjustment input.
8
VREF
The output of the precision reference.
9
GND
Low-noise analog ground.
10
CSH
Current-sense positive input.
11
CSL
Current-sense negative input.
12
NC
No internal connection.
13
V
IN
Main power supply pin.
14
NC
No internal connection.
15
FPWM
When FPWM is high, pulse-skipping mode operation at light load is disabled. The
converter is forced to operate in constant frequency mode.
16
PGND
Power ground.
17
LDRV
Low-side gate-drive output.
18
CBOOT
Bootstrap capacitor connection for high-side gate drive.
19
SW
Switched-node connection, which is connected with the source of the high-side
MOSFET.
20
HDRV
High-side gate-drive output. HDRV is a floating drive output that rides on SW voltage.
20-Lead TSSOP (MTC)
DS100937-2
Top View
Order Number LM2631MTC-ADJ
See NS Package Number MTC20
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com