Electronic Components Datasheet Search
  English  ▼

X  

LM2631 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2631
Description  Synchronous Step-Down Power Supply Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2631 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2631 Datasheet HTML 4Page - National Semiconductor (TI) LM2631 Datasheet HTML 5Page - National Semiconductor (TI) LM2631 Datasheet HTML 6Page - National Semiconductor (TI) LM2631 Datasheet HTML 7Page - National Semiconductor (TI) LM2631 Datasheet HTML 8Page - National Semiconductor (TI) LM2631 Datasheet HTML 9Page - National Semiconductor (TI) LM2631 Datasheet HTML 10Page - National Semiconductor (TI) LM2631 Datasheet HTML 11Page - National Semiconductor (TI) LM2631 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Application Circuits (Continued)
TABLE 1. Components for Typical 2.5V, 300kHz Application Circuits
Input Voltage
4.75V to 24V
4.5V to 6V
Output Current
4A
10A
Application
Notebook
Desktop
Q1 and Q2
Fairchild FDS6680; Siliconix
Si4410DY; or International Rectifier
IRF7805
Fairchild FDB7030L; or Motorola
MTB75N03HDL
Inductor L1
Sumida CDRH127-7R6: 7.6 µH, 5.9A
Pulse PE-53681: 2.5 µH, 11.4A
Input Capacitors
2 x 22µF, 35V Sprague 593D or TPS
2 x 220 µF, 10V Sanyo OS-CON SA
Output Capacitors
2 x 220µF, 10V Sprague 593D or TPS
3 x 330 µF, 6.3V Sanyo OS-CON SA
Rectifier D1
Motorola MBRS140T3
Motorola MBRS340T3
Sensing Resistor R3
15 m
Ω IRC
3x20m
Ω IRC
Compensation components C8 and
R8
R8 = 3.3 K
Ω,C8 = 1nF
R8 = 4K
Ω,C8 = 1nF
When the input voltage is low (less than 5V), the bootstrap
function cannot deliver enough gate voltage to fully drive the
high-side MOSFET on, which increases Rdson, and conse-
quently reduces efficiency. An external charge-pump doubler
can be added to double the CBOOT pin voltage (see
Figure
3). It can also be added to the VIN pin to increase the gate
drive voltage at both high-side and low-side MOSFETs.
DS100937-4
FIGURE 2. The Typical 2.5V Application Circuit
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com