Electronic Components Datasheet Search
  English  ▼

X  

LM2631 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2631
Description  Synchronous Step-Down Power Supply Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2631 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2631 Datasheet HTML 1Page - National Semiconductor (TI) LM2631 Datasheet HTML 2Page - National Semiconductor (TI) LM2631 Datasheet HTML 3Page - National Semiconductor (TI) LM2631 Datasheet HTML 4Page - National Semiconductor (TI) LM2631 Datasheet HTML 5Page - National Semiconductor (TI) LM2631 Datasheet HTML 6Page - National Semiconductor (TI) LM2631 Datasheet HTML 7Page - National Semiconductor (TI) LM2631 Datasheet HTML 8Page - National Semiconductor (TI) LM2631 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical Characteristics (Continued)
Specifications in standard type face are for T
j = 25˚C and those with boldface type apply over full operating junction tem-
perature range. V
IN =10V, GND = PGND = 0V,unless otherwise stated. (Notes 5, 6)
Symbol
Parameter
Conditions
Typical
Limit
Units
Voltage Reference
V
REF
Reference Voltage (Line
Regulation)
4.5V < V
IN < 30V
1.238
V
1.219/1.219
V(min)
1.251/1.262
V(max)
Reference Voltage (Load
Regulation)
0µA < I
REF < 50 µA
1.238
V
1.219/1.219
V(min)
1.251/1.262
V(max)
Logic Inputs and Outputs
V
IH
Minimum High Level Input
Voltage (SD, FPWM and SYNC)
2.4
V(min)
V
IL
Maximum Low Level Input
Voltage (FPWM and SYNC)
0.8
V(max)
Maximum Low Level Input
Voltage (SD)
0.5
V(max)
Maximum Input Leakage Curren1t
(SD , FPWM and SYNC)
Logic Input Voltage 0V or 5V
±0.1
µA
V
OH
PGOOD High Level Output
Voltage
PGOOD Sourcing 50 µA
2.7
V
2.4
V(min)
V
OL
PGOOD Low Level Output
Voltage
PGOOD Sinking 50 µA
0
V
0.5
V(max)
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when operating the device
outside of its rated operating conditions.
Note 2: The maximum allowable power dissipation is calculated by using PDmax = (TJmax -TA)/θJA , where TJmax is the maximum junction temperature, TA is the
ambient temperature, and
θJA is the junction-to-ambient thermal resistance of the specified package. The 720 mW rating results from using 160˚C, 70˚C, and
125˚C/W for TJmax,TA, and θJA respectively. A θJA of 125˚C/W represents the worst-case condition of no heat sinking of the 20-pin TSSOP. Heat sinking allows the
safe dissipation of more power. The Absolute Maximum power dissipation must be derated by 8 mW per ˚C above 70˚C ambient. The LM263 actively limits its junction
temperature to about 160˚C.
Note 3: For detailed information on soldering plastic small-outline packages, refer to the Packaging Databook available from National Semiconductor Corporation.
Note 4: For testing purposes, ESD was applied using the human-body model, a 100 pF capacitor discharged through a 1.5 k
Ω resistor.
Note 5: A typical is the center of characterization data taken with TA = TJ = 25˚C. Typicals are not guaranteed.
Note 6: All limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production with TA = TJ = 25˚C. All hot and cold limits
are guaranteed by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
Note 7: This limit is guaranteed by design.
Note 8: Percentage limits are determined by measuring the shutdown latch threshold at the FB pin, and dividing it by the nominal reference voltage.
Note 9: Pulling 2.94 µA out of FADJ pin simulates adjusting the oscillator frequency with a 350 k
Ω resistor connected from FADJ to GND.
Typical Performance Characteristics
Efficiency vs Load Current
(FPWM = Low, V
OUT = 3.3V)
DS100937-11
Efficiency (FPWM = High, Input Voltage = 16V
V
OUT= 2.9V)
DS100937-12
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com