Electronic Components Datasheet Search
  English  ▼

X  

LM2631 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2631
Description  Synchronous Step-Down Power Supply Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2631 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2631 Datasheet HTML 1Page - National Semiconductor (TI) LM2631 Datasheet HTML 2Page - National Semiconductor (TI) LM2631 Datasheet HTML 3Page - National Semiconductor (TI) LM2631 Datasheet HTML 4Page - National Semiconductor (TI) LM2631 Datasheet HTML 5Page - National Semiconductor (TI) LM2631 Datasheet HTML 6Page - National Semiconductor (TI) LM2631 Datasheet HTML 7Page - National Semiconductor (TI) LM2631 Datasheet HTML 8Page - National Semiconductor (TI) LM2631 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM2631
Synchronous Step-Down Power Supply Controller
General Description
The LM2631 controller provides all the active functions for
step-down (buck) switching converters. These dc-to-dc con-
verters provide core CPU power in battery-operated sys-
tems.
High efficiency is achieved by using synchronous rectifica-
tion and pulse-skipping mode operation at light load. Inex-
pensive N-channel MOSFETs are used to reduce system
cost. Bootstrap circuit is used to drive the high-side
N-channel MOSFET.
Current mode control scheme is used to improve line regula-
tion and transient response, also provides cycle-by-cycle
current limiting.
The operating frequency is adjustable between 200 kHz and
400 kHz. An external shutdown pin can be used to disable
the device and reduce the quiescent current to 0.1 µA. In low
noise applications, bringing the FPWM pin high can force the
device to operate in constant frequency mode. Other fea-
tures include the external synchronization pin, and the
PGOOD pin to indicate the state of the output voltage.
Protection circuitry includes thermal shutdown, undervoltage
and overvoltage shutdown protection, soft-start capability,
and two levels of current limits: The first level simply limits
the load current directly; at the second level, if the load pulls
the output voltage down below 80% of the regulated value,
the chip will shut down. This operation is disabled during
startup, but an internal timer will enable it if the output does
not come up in the preset time.
Features
n 4.5V to 30V input range
n Adjustable output (1.5V to 7V)
n 200 kHz to 400 kHz adjustable operating frequency
n Externally synchronizable
n On-board power good function
n Precision 1.24V reference output
n 0.8 mA typical quiescent current
n 0.1 µA shutdown current
n Thermal shutdown
n Direct current limit protection
n Input undervoltage lockout
n Output undervoltage shutdown protection
n Output overvoltage shutdown protection
n Programmable soft-start function
n Tiny TSSOP package
Applications
n Notebook and subnotebook computers
n Cellular phones
n Portable instruments
n Battery-powered digital devices
Typical Application Circuit
DS100937-1
April 1999
© 1999 National Semiconductor Corporation
DS100937
www.national.com


Similar Part No. - LM2631

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
Synchronous Step-Down Power Supply Controller
LM2630MTC-ADJ NSC-LM2630MTC-ADJ Datasheet
265Kb / 14P
Synchronous Step-Down Power Supply Controller
LM2633 NSC-LM2633 Datasheet
1Mb / 40P
Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Texas Instruments
LM2633 TI1-LM2633 Datasheet
1Mb / 47P
Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
National Semiconductor ...
LM2633MTD NSC-LM2633MTD Datasheet
1Mb / 40P
Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
More results

Similar Description - LM2631

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
Synchronous Step-Down Power Supply Controller
logo
Maxim Integrated Produc...
MAX767 MAXIM-MAX767 Datasheet
192Kb / 20P
5V-to-3.3V, Synchronous, Step-Down Power-Supply Controller
Rev 2; 8/94
logo
Vishay Siliconix
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
Synchronous Step Down Controller
10-Oct-05
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
Synchronous Step Down Controller
10-Oct-05
logo
Texas Instruments
TPS51217 TI-TPS51217 Datasheet
1,006Kb / 27P
HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218 TI-TPS51218 Datasheet
1Mb / 27P
HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51211 TI1-TPS51211 Datasheet
677Kb / 26P
HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51211 TI-TPS51211_15 Datasheet
1Mb / 29P
High-Performance, Single Synchronous Step-Down Controller For Notebook Power Supply
TPS51217 TI-TPS51217_15 Datasheet
1Mb / 29P
HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218 TI1-TPS51218_16 Datasheet
1,016Kb / 27P
HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com