Electronic Components Datasheet Search
  English  ▼

X  

MAX1248BEEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1248BEEE
Description  2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1248BEEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1248BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 11Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
+2.7V to +5.25V, Low-Power, 4-Channel,
Serial 10-Bit ADCs in QSOP-16
8
_______________________________________________________________________________________
_______________Detailed Description
The MAX1248/MAX1249 analog-to-digital converters
(ADCs) use a successive-approximation conversion
technique and input track/hold (T/H) circuitry to convert
an analog signal to a 10-bit digital output. A flexible
serial interface provides easy interface to microproces-
sors (µPs). Figure 3 is a block diagram of the
MAX1248/MAX1249.
Pseudo-Differential Input
The sampling architecture of the ADC’s analog com-
parator is illustrated in the equivalent input circuit
(Figure 4). In single-ended mode, IN+ is internally
switched to CH0–CH3, and IN- is switched to COM. In
differential mode, IN+ and IN- are selected from two
pairs: CH0/CH1 and CH2/CH3. Configure the channels
with Tables 2 and 3. Please note that the codes for
CH0–CH3 in the MAX1248/MAX1249 correspond to
the codes for CH2–CH5 in the eight-channel
(MAX148/MAX149) versions.
In differential mode, IN- and IN+ are internally switched
to either of the analog inputs. This configuration is
pseudo-differential to the effect that only the signal at
IN+ is sampled. The return side (IN-) must remain sta-
ble within ±0.5LSB (±0.1LSB for best results) with
respect to AGND during a conversion. To accomplish
this, connect a 0.1µF capacitor from IN- (the selected
analog input) to AGND.
During the acquisition interval, the channel selected as
the positive input (IN+) charges capacitor CHOLD. The
acquisition interval spans three SCLK cycles and ends
on the falling SCLK edge after the last bit of the input
control word has been entered. At the end of the acqui-
sition interval, the T/H switch opens, retaining charge
on CHOLD as a sample of the signal at IN+.
The conversion interval begins with the input multiplex-
er switching CHOLD from the positive input (IN+) to the
negative input (IN-). In single-ended mode, IN- is sim-
ply COM. This unbalances node ZERO at the compara-
tor’s input. The capacitive DAC adjusts during the
remainder of the conversion cycle to restore node
ZERO to 0V within the limits of 10-bit resolution. This
action is equivalent to transferring a charge of 16pF x
[(VIN+) - (VIN-)] from CHOLD to the binary-weighted
capacitive DAC, which in turn forms a digital represen-
tation of the analog input signal.
Track/Hold
The T/H enters its tracking mode on the falling clock
edge after the fifth bit of the 8-bit control word has been
shifted in. It enters its hold mode on the falling clock
edge after the eighth bit of the control word has been
shifted in. If the converter is set up for single-ended
inputs, IN- is connected to COM, and the converter
samples the “+” input. If the converter is set up for dif-
ferential inputs, IN- connects to the “-” input, and the
difference of
|IN+ - IN-| is sampled. At the end of the
conversion, the positive input connects back to IN+,
and CHOLD charges to the input signal.
The time required for the T/H to acquire an input signal
is a function of how quickly its input capacitance is
charged. If the input signal’s source impedance is high,
INPUT
SHIFT
REGISTER
CONTROL
LOGIC
INT
CLOCK
OUTPUT
SHIFT
REGISTER
+1.21V
REFERENCE
(MAX1248)
T/H
ANALOG
INPUT
MUX
SAR
ADC
IN
DOUT
SSTRB
VDD
DGND
AGND
SCLK
DIN
COM
REFADJ
VREF
OUT
REF
CLOCK
+2.500V
20k
A
≈ 2.06*
*A
≈ 2.00 (MAX1249)
7
8
9
6
12
13
14
15
16
CH3
5
CH2
4
CH1
3
CH0
2
MAX1248
MAX1249
CS
SHDN
1
11
10
Figure 3. Block Diagram
CH0
CH1
CH2
CH3
COM
CSWITCH
TRACK
T/H
SWITCH
RIN
9k
CHOLD
HOLD
CAPACITIVE DAC
VREF
ZERO
COMPARATOR
–
+
16pF
SINGLE-ENDED MODE: IN+ = CHO–CH3, IN- = COM.
DIFFERENTIAL MODE: IN+ AND IN- SELECTED FROM PAIRS OF
CH0/CH1 AND CH2/CH3.
AT THE SAMPLING INSTANT,
THE MUX INPUT SWITCHES
FROM THE SELECTED IN+
CHANNEL TO THE SELECTED
IN- CHANNEL.
INPUT
MUX
Figure 4. Equivalent Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com