Electronic Components Datasheet Search
  English  ▼

X  

MAX1248BEEE Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX1248BEEE
Description  2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1248BEEE Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX1248BEEE Datasheet HTML 16Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 17Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 18Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 19Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 20Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 21Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 22Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 23Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
TMS320LC3x Interface
Figure 20 shows an application circuit to interface the
MAX1248/MAX1249 to the TMS320 in external clock
mode. The timing diagram for this interface circuit is
shown in Figure 21.
Use the following steps to initiate a conversion in the
MAX1248/MAX1249 and to read the results:
1) The TMS320 should be configured with CLKX
(transmit clock) as an active-high output clock and
CLKR (TMS320 receive clock) as an active-high
input clock. CLKX and CLKR on the TMS320 are
tied together with the MAX1248/MAX1249’s SCLK
input.
2) The MAX1248/MAX1249’s CS pin is driven low by
the TMS320’s XF_ I/O port, to enable data to be
clocked into the MAX1248/MAX1249’s DIN.
3) An 8-bit word (1XXXXX11) should be written to the
MAX1248/MAX1249 to initiate a conversion and
place the device into external clock mode. Refer to
Table 1 to select the proper XXXXX bit values for
your specific application.
4) The MAX1248/MAX1249’s SSTRB output is moni-
tored via the TMS320’s FSR input. A falling edge on
the SSTRB output indicates that the conversion is in
progress and data is ready to be received from the
MAX1248/MAX1249.
5) The TMS320 reads in one data bit on each of the
next 16 rising edges of SCLK. These data bits rep-
resent the 10 + 2-bit conversion result followed by
four trailing bits, which should be ignored.
6) Pull CS high to disable the MAX1248/MAX1249 until
the next conversion is initiated.
+2.7V to +5.25V, Low-Power, 4-Channel,
Serial 10-Bit ADCs in QSOP-16
20
______________________________________________________________________________________
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
MAX1248
MAX1249
MC683XX
SCK
PCS0
MOSI
MISO
CLOCK CONNECTIONS NOT SHOWN
1
µF
0.1
µF
0.1
µF
(GND)
ANALOG
INPUTS
+3V
+3V
VDD
CH0
CH1
CH2
CH3
COM
SHDN
VREF
SCLK
CS
DIN
SSTRB
DOUT
DGND
AGND
REFADJ
+2.5V
XF
CLKX
CLKR
DX
DR
FSR
CS
SCLK
DIN
DOUT
SSTRB
TMS320LC3x
MAX1249
Figure 20. MAX1248/MAX1249-to-TMS320 Serial Interface
Figure 19. MAX1248/MAX1249 QSPI Connections External Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com