Electronic Components Datasheet Search
  English  ▼

X  

MAX1248BEEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1248BEEE
Description  2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1248BEEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1248BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
+2.7V to +5.25V, Low-Power, 4-Channel,
Serial 10-Bit ADCs in QSOP-16
6
_______________________________________________________________________________________
2.00
0.50
2.25
2.75
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
1.75
1.25
1.50
1.00
0.75
SUPPLY VOLTAGE (V)
3.75
5.25
3.25
4.25
4.75
RL = ∞
CODE = 10101010
MAX1249
MAX1248
CLOAD = 20pF
CLOAD = 50pF
CLOAD = 50pF
CLOAD = 20pF
4.0
3.5
0
2.25
2.75
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
3.0
2.5
1.5
2.0
1.0
0.5
VDD (V)
3.75
5.25
3.25
4.25
4.75
FULL POWER-DOWN
2.5025
2.4975
2.25
2.75
INTERNAL REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
2.5000
SUPPLY VOLTAGE (V)
3.75
5.25
3.25
4.25
4.75
0.8
0.9
1.0
1.1
1.2
1.3
-60
-20
20
60
100
140
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
MAX1249
MAX1248
RLOAD = ∞
CODE = 1010101000
00
0.10
0.05
0.20
0.15
0.25
0.30
2.25
3.25
3.75
2.75
4.25
4.75
5.25
INTERGRAL NONLINEARITY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
MAX1248
MAX1249
0
0.4
0.8
1.2
1.6
2.0
-60
-20
20
60
100
140
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
2.494
2.495
2.496
2.497
2.498
2.499
2.500
2.501
-60
-20
-40
20
0
60
40
100 120
80
140
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
VDD = 2.7V
VDD = 3.6V
VDD = 5.25V
0
0.15
0.10
0.05
0.20
0.25
0.30
-60
20
0
-40 -20
40 60 80 100 120 140
INTEGRAL NONLINEARITY
vs. TEMPERATURE
TEMPERATURE (°C)
VDD = 2.7V
MAX1248
MAX1249
0.100
INTEGRAL NONLINEARITY
vs. CODE
0.050
-0.100
0
-0.025
-0.050
-0.075
0.075
0.025
CODE
256
512
768
1024
0
__________________________________________Typical Operating Characteristics
(VDD = 3.0V, VREF = 2.500V, fSCLK = 2.0MHz, CLOAD = 20pF, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com