Electronic Components Datasheet Search
  English  ▼

X  

MAX1248BEEE Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX1248BEEE
Description  2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1248BEEE Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX1248BEEE Datasheet HTML 11Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 12Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 13Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 14Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 15Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 16Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 17Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 18Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
POWERED UP
HARDWARE
POWER-
DOWN
POWERED UP
POWERED UP
10+2 DATA BITS
10+2 DATA BITS
INVALID
DATA
VALID
DATA
EXTERNAL
EXTERNAL
S X X X X X 1 1
S
0 0
X
X
X
X
X
X X X X X
S
1 1
SOFTWARE
POWER-DOWN
MODE
DOUT
DIN
CLOCK
MODE
SHDN
SETS EXTERNAL
CLOCK MODE
SETS EXTERNAL
CLOCK MODE
SETS SOFTWARE
POWER-DOWN
POWER-DOWN
POWERED UP
POWERED UP
DATA VALID
DATA VALID
INTERNAL
S X X X X X 1 0
S
0 0
X
X
X
X
X
S
MODE
DOUT
DIN
CLOCK
MODE
SETS INTERNAL
CLOCK MODE
SETS
POWER-DOWN
CONVERSION
CONVERSION
SSTRB
Figure 11a. Timing Diagram Power-Down Modes, External Clock
Figure 11b. Timing Diagram Power-Down Modes, Internal Clock
+2.7V to +5.25V, Low-Power, 4-Channel,
Serial 10-Bit ADCs in QSOP-16
______________________________________________________________________________________
15
REFERENCE
BUFFER
REFERENCE-BUFFER
COMPENSATION
MODE
VREF
CAPACITOR
(µF)
POWER-DOWN
MODE
POWER-UP
DELAY
(µs)
MAXIMUM
SAMPLING RATE
(ksps)
Disabled
—
—
Full
2
133
Enabled
Internal
—
Fast
5
26
Enabled
Internal
—
Full
300
26
Enabled
External
4.7
Fast
See Figure 13c
133
Enabled
External
4.7
Full
See Figure 13c
133
Disabled
—
—
Fast
2
133
Table 4. Typical Power-Up Delay Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com