Electronic Components Datasheet Search
  English  ▼

X  

MAX1248BEEE Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX1248BEEE
Description  2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1248BEEE Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX1248BEEE Datasheet HTML 16Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 17Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 18Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 19Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 20Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 21Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 22Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 23Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
+2.7V to +5.25V, Low-Power, 4-Channel,
Serial 10-Bit ADCs in QSOP-16
______________________________________________________________________________________
21
___________________________________________Ordering Information (continued)
†
Contact factory for availability of alternate surface-mount packages.
*
Contact factory for availability of CERDIP package, and for processing to MIL-STD-883B.
CS
SCLK
DIN
SSTRB
DOUT
START
SEL2
SEL1
SEL0
UNI/BIP SGL/DIF
PD1
PD0
MSB
B8
B0
LSB
S1
S0
HIGH
IMPEDANCE
HIGH
IMPEDANCE
Figure 21. TMS320 Serial-Interface Timing Diagram
±1
16 Plastic DIP
0°C to +70°C
MAX1249BCPE
±1/2
16 Plastic DIP
0°C to +70°C
MAX1249ACPE
±1
16 Plastic DIP
-40°C to +85°C
MAX1248BEPE
±1
±1/2
16 CERDIP*
-55°C to +125°C
±1
16 CERDIP*
-55°C to +125°C
±1/2
±1/2
INL
(LSB)
MAX1248BMJE
MAX1248AMJE
16 QSOP
16 QSOP
16 Plastic DIP
PIN-PACKAGE
TEMP. RANGE
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
MAX1248BEEE
MAX1248AEEE
MAX1248AEPE
PART
†
INL
(LSB)
PIN-PACKAGE
TEMP. RANGE
PART
†
±1
16 QSOP
-40°C to +85°C
MAX1249BEEE
±1/2
16 QSOP
-40°C to +85°C
MAX1249AEEE
±1
16 Plastic DIP
-40°C to +85°C
MAX1249BEPE
±1
16 CERDIP*
-55°C to +125°C
MAX1249BMJE
±1/2
±1/2
16 CERDIP*
-55°C to +125°C
±1
16 Plastic DIP
-40°C to +85°C
±1/2
MAX1249AMJE
MAX1249AEPE
16 QSOP
16 QSOP
0°C to +70°C
0°C to +70°C
MAX1249BCEE
MAX1249ACEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com