Electronic Components Datasheet Search
  English  ▼

X  

MAX1248BEEE Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX1248BEEE
Description  2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1248BEEE Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1248BEEE Datasheet HTML 14Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 15Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 16Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 17Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 18Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 19Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 20Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 21Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
+2.7V to +5.25V, Low-Power, 4-Channel,
Serial 10-Bit ADCs in QSOP-16
External Reference
With both the MAX1248 and MAX1249, an external ref-
erence can be placed at either the input (REFADJ) or
the output (VREF) of the internal reference-buffer ampli-
fier. The REFADJ input impedance is typically 20k
Ω for
the MAX1248 and higher than 100k
Ω for the MAX1249,
where the internal reference is omitted. At VREF, the
DC input resistance is a minimum of 18k
Ω. During con-
version, an external reference at VREF must deliver
up to 350µA DC load current and have an output
impedance of 10
Ω or less. If the reference has higher
output impedance or is noisy, bypass it close to the
VREF pin with a 4.7µF capacitor.
Using the REFADJ input makes buffering the external
reference unnecessary. To use the direct VREF input,
disable the internal buffer by tying REFADJ to VDD. In
power-down, the input bias current to REFADJ can be
as much as 25µA with REFADJ tied to VDD. Pull
REFADJ to AGND to minimize the input bias current in
power-down.
Transfer Function
Table 7 shows the full-scale voltage ranges for unipolar
and bipolar modes.
The external reference must have a temperature coeffi-
cient of 20ppm/°C or less to achieve accuracy to within
1LSB over the commercial temperature range of 0°C to
+70°C.
Figure 16 depicts the nominal, unipolar input/output
(I/O) transfer function, and Figure 17 shows the bipolar
input/output transfer function. Code transitions occur
halfway between successive-integer LSB values.
Output coding is binary, with 1LSB = 2.44mV (2.500V /
1024) for unipolar operation and 1LSB = 2.44mV
[(2.500V / 2 - -2.500V / 2) / 1024] for bipolar operation.
OUTPUT CODE
FULL-SCALE
TRANSITION
11 . . . 111
11 . . . 110
11 . . . 101
00 . . . 011
00 . . . 010
00 . . . 001
00 . . . 000
1
2
3
0
(COM)
FS
FS - 3/2LSB
FS = VREF + COM
ZS = COM
INPUT VOLTAGE (LSBs)
1LSB =
VREF
1024
Figure 16. Unipolar Transfer Function, Full Scale (FS) = VREF
+ COM, Zero Scale (ZS) = COM
+3.3V
510k
24k
100k
0.01µF
9
REFADJ
MAX1248
Figure 15. MAX1248 Reference-Adjust Circuit
1
0 0
DIN
REFADJ
VREF
1.21V
0V
2.50V
0V
1
0 1
1
1
1
1
0 0
1
0 1
FULLPD
FASTPD
NOPD
FULLPD
FASTPD
1.6ms WAIT
COMPLETE CONVERSION SEQUENCE
tBUFFEN ≈ 75µs
τ = RC = 20kΩ x CREFADJ
(ZEROS)
CH1
CH7
(ZEROS)
Figure 14. MAX1248 FULLPD/FASTPD Power-Up Sequence
18
______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com