Electronic Components Datasheet Search
  English  ▼

X  

MAX1248BEEE Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX1248BEEE
Description  2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1248BEEE Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX1248BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 11Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 12Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 13Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 14Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 15Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 16Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 17Page - Maxim Integrated Products MAX1248BEEE Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
+2.7V to +5.25V, Low-Power, 4-Channel,
Serial 10-Bit ADCs in QSOP-16
14
______________________________________________________________________________________
Float SHDN to select external compensation. The
Typical Operating Circuit uses a 4.7µF capacitor at
VREF. A value of 4.7µF or greater ensures reference-
buffer stability and allows converter operation at the
2MHz full clock speed. External compensation increas-
es power-up time (see
Choosing Power-Down Mode
and Table 4).
Pull SHDN high to select internal compensation.
Internal compensation requires no external capacitor at
VREF and allows for the shortest power-up times. The
maximum clock rate is 2MHz in internal clock mode
and 400kHz in external clock mode.
Choosing Power-Down Mode
You can save power by placing the converter in a low-
current shutdown state between conversions. Select full
power-down or fast power-down mode via bits 1 and 0
of the DIN control byte with SHDN high or floating
(Tables 1 and 5). In both software power-down modes,
the serial interface remains operational, but the ADC
does not convert. Pull SHDN low at any time to shut
down the converter completely. SHDN overrides bits 1
and 0 of the control byte.
Full power-down mode turns off all chip functions that
draw quiescent current, reducing supply current typically
to 2µA. Fast power-down mode turns off all circuitry
except the bandgap reference. With fast power-down
mode, the supply current is 30µA. Power-up time can be
shortened to 5µs in internal compensation mode.
Table 4 shows how the choice of reference-buffer com-
pensation and power-down mode affects both power-up
delay and maximum sample rate. In external compensa-
tion mode, power-up time is 20ms with a 4.7µF compen-
sation capacitor when the capacitor is initially fully
discharged. From fast power-down, start-up time can be
eliminated by using low-leakage capacitors that do not
discharge more than 1/2LSB while shut down. In power-
down, leakage currents at VREF cause droop on the ref-
erence bypass capacitor. Figures 11a and 11b show
the various power-down sequences in both external and
internal clock modes.
SCLK
DIN
DOUT
CS
S
CONTROL BYTE 0
CONTROL BYTE 1
S
CONVERSION RESULT 0
B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 S1 S0
CONVERSION RESULT 1
SSTRB
B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 S1 S0
CONTROL BYTE 2
S
1
8
1
8
1
CS
SCLK
DIN
DOUT
S
CONTROL BYTE 0
CONTROL BYTE 1
S
CONVERSION RESULT 0
B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 S1 S0
B9
B8
B7 B6
CONVERSION RESULT 1
• • •
• • •
• • •
• • •
Figure 10a. External Clock Mode, 15 Clocks/Conversion Timing
Figure 10b. External Clock Mode, 16 Clocks/Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com