Electronic Components Datasheet Search
  English  ▼

X  

DS1682 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1682
Description  10 Bytes of EEPROM User Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1682 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1682 Datasheet HTML 4Page - Maxim Integrated Products DS1682 Datasheet HTML 5Page - Maxim Integrated Products DS1682 Datasheet HTML 6Page - Maxim Integrated Products DS1682 Datasheet HTML 7Page - Maxim Integrated Products DS1682 Datasheet HTML 8Page - Maxim Integrated Products DS1682 Datasheet HTML 9Page - Maxim Integrated Products DS1682 Datasheet HTML 10Page - Maxim Integrated Products DS1682 Datasheet HTML 11Page - Maxim Integrated Products DS1682 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Event Logging
When the DS1682 is powered up, the event time and
count values recorded in the EEPROM are transferred to
the ETC and event counter, and the device waits for an
event. When an event triggers the input by transitioning
the EVENT pin from a low to a high level, the following
occurs:
1) The RC oscillator starts.
2) The alarm, ETC, and event counter are transferred
from EEPROM to RAM.
3) Note: Reading the RAM during the transfer results in
invalid data.
4) After tES, the ETC increments. An event greater than
tG but less than tES increments the event counter, but
not the ETC (zero-length event).
5) The ETC increments every tEI. The ETC holds time in
quarter-second resolution.
6) When the EVENT pin goes low, the event counter
increments, the oscillator stops, and the ETC and
event counter are transferred to EEPROM. The 2-wire
bus is not available for tEW.
The ETC stops counting and does not roll over once
FFFFFFFFh, or approximately 34 years, is reached. See
Figure 5 for timing.
Device Setup
Once installed in a system, the DS1682 can be pro-
grammed to record events as required by the application,
and can be tested by generating events and monitoring
the results. Afterwards, it can be “locked” to prevent
alteration of the event and alarm registers and the alarm
condition.
The following is a typical sequence:
1) Write the configuration register, alarm registers, and
user memory to the desired values.
2) Write-protect the alarm, ETC, and event counter regis-
ters with the write disable command if needed.
3) Write-protect the user memory with the write-memory-
disable command, if needed.
4) Issue a reset (described in the Reset Command section).
The alarm, ETC and event counter registers, and user
memory, once locked, cannot be changed.
Upon reset, the ETC and event counter registers are
cleared. The device clears the RE bit, and the configu-
ration register becomes read-only. Additional resets are
ignored.
Figure 5. Event Input Timing
INTERNAL EVENT
CLOCK
tG
tES
tEI
EVENT INPUT
DS1682
Total-Elapsed-Time Recorder
with Alarm
www.maximintegrated.com
Maxim Integrated │ 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com