Electronic Components Datasheet Search
  English  ▼

X  

DS1682 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1682
Description  10 Bytes of EEPROM User Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1682 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1682 Datasheet HTML 1Page - Maxim Integrated Products DS1682 Datasheet HTML 2Page - Maxim Integrated Products DS1682 Datasheet HTML 3Page - Maxim Integrated Products DS1682 Datasheet HTML 4Page - Maxim Integrated Products DS1682 Datasheet HTML 5Page - Maxim Integrated Products DS1682 Datasheet HTML 6Page - Maxim Integrated Products DS1682 Datasheet HTML 7Page - Maxim Integrated Products DS1682 Datasheet HTML 8Page - Maxim Integrated Products DS1682 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Note 1: Typical values are at TA = +25°C, VCC = 4.0V.
Note 2: The elapsed time and event counters are backed by three EEPROM arrays, which are used sequentially, allowing up to 3 x
EE. The configuration register, alarm trip-point register, and user memory use a single array, limiting them to one EE.
Note 3: A decoupling capacitor to supply high instantaneous currents during EEPROM writes is recommended. A typical value is
0.01μF. VCC must be maintained above VCC minimum, including transients, during EEPROM writes.
Note 4: VCC must be at or above 2.5V for tEW after the end of an event to ensure data transfer to the EEPROM.
Note 5: Reading data while the contents of EEPROM are transferred to RAM results in incorrect reads.
Note 6: After this period, the first clock pulse is generated.
Note 7: A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIH(MIN) of the SCL signal)
to bridge the undefined region of the falling edge of SCL.
Note 8: The maximum tHD:DAT has only to be met if the device does not stretch the low period (tLOW) of the SCL signal.
Note 9: A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT ≥ 250ns must be met. This is
automatically the case if the device does not stretch the tLOW. If such a device does stretch tLOW, it must output the next
data bit to the SDA line tR(MAX) + tSU:DAT = 1000 + 250 = 1250ns before the SCL line is released.
Note 10: CB—Total capacitance of one bus line in pF.
SCL
NOTE: TIMING IS REFERENCED TO VIL(MAX) AND VIH(MIN).
SDA
STOP
START
REPEATED
START
tBUF
tHD:STA
tHD:DAT
tSU:DAT
tSU:STO
tHD:STA
tSP
tSU:STA
tHIGH
tR
tF
tLOW
DS1682
Total-Elapsed-Time Recorder
with Alarm
www.maximintegrated.com
Maxim Integrated │ 4
Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com