Electronic Components Datasheet Search
  English  ▼

X  

DS1682 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1682
Description  10 Bytes of EEPROM User Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1682 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1682 Datasheet HTML 1Page - Maxim Integrated Products DS1682 Datasheet HTML 2Page - Maxim Integrated Products DS1682 Datasheet HTML 3Page - Maxim Integrated Products DS1682 Datasheet HTML 4Page - Maxim Integrated Products DS1682 Datasheet HTML 5Page - Maxim Integrated Products DS1682 Datasheet HTML 6Page - Maxim Integrated Products DS1682 Datasheet HTML 7Page - Maxim Integrated Products DS1682 Datasheet HTML 8Page - Maxim Integrated Products DS1682 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EEPROM Endurance
EE
(Note 2)
50k
writes
EEPROM Write Time
tEW
(Notes 1, 3, 4)
150
300
ms
EEPROM Transfer to RAM
tER
(Notes 1, 5)
1
ms
ALARM Output Active-Low Pulse
Width
tSL
(Note 1)
62.5
ms
ALARM Output Active-High Pulse
Width
tSH
(Note 1)
437.5
ms
ALARM Input Pulled Low
and Released Pulse Width
tSPL
(Note 1)
500
ms
SCL Clock Frequency
fSCL
Fast mode
400
kHz
Standard mode
100
Bus Free Time Between a
STOP and START Condition
tBUF
Fast mode
1.3
µs
Standard mode
4.7
Hold Time (Repeated)
START Condition (Note 6)
tHD:STA
Fast mode
0.6
µs
Standard mode
4.0
Low Period of SCL
tLOW
Fast mode
1.3
µs
Standard mode
4.7
High Period of SCL
tHIGH
Fast mode
0.6
µs
Standard mode
4.0
Setup Time for a Repeated
START
tSU:STA
Fast mode
0.6
µs
Standard mode
4.0
Data Hold Time (Notes 7, 8)
tHD:DAT
Fast mode
0
µs
Standard mode
0
Data Setup Time (Note 9)
tSU:DAT
Fast mode
100
ns
Standard mode
250
Rise Time of SDA and SCL
Signals (Note 10)
tR
Fast mode
20 +
0.1CB
300
ns
Standard mode
20 +
0.1CB
1000
Fall Time of SDA and SCL
Signals (Note 10)
tF
Fast mode
20 +
0.1CB
300
ns
Standard mode
20 +
0.1CB
300
Setup Time for STOP
tSU:STO
Fast mode
0.6
µs
Standard mode
4.0
Input Capacitance
CI/O
(Note 1)
10
pF
Capacitive Load for Each
Bus Line
CB
(Note 10)
400
pF
DS1682
Total-Elapsed-Time Recorder
with Alarm
www.maximintegrated.com
Maxim Integrated │ 3
AC Electrical Characteristics
(VCC = 2.5V to 5.5V, TA = -40°C to +85°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com