Electronic Components Datasheet Search
  English  ▼

X  

DS1682 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1682
Description  10 Bytes of EEPROM User Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1682 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1682 Datasheet HTML 1Page - Maxim Integrated Products DS1682 Datasheet HTML 2Page - Maxim Integrated Products DS1682 Datasheet HTML 3Page - Maxim Integrated Products DS1682 Datasheet HTML 4Page - Maxim Integrated Products DS1682 Datasheet HTML 5Page - Maxim Integrated Products DS1682 Datasheet HTML 6Page - Maxim Integrated Products DS1682 Datasheet HTML 7Page - Maxim Integrated Products DS1682 Datasheet HTML 8Page - Maxim Integrated Products DS1682 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Voltage Range on Any Pin Relative to Ground ......-0.3V to +6V
Operating Temperature Range........................... -40°C to +85°C
Storage Temperature Range............................ -55°C to +125°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
(TA = -40°C to +85°C, unless otherwise noted.)
(VCC = 2.5V to 5.5V, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power-Supply Voltage
VCC
2.5
5.5
V
Input Trip Point
VETP
0.3 x
VCC
0.5 x
VCC
0.7 x
VCC
V
Event Trip-Point Hysteresis
VHYS
1% of
VCC
%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage
ILI
-1
+1
µA
ALARM Output (IOL = 10mA)
VOL
0.8
V
SDA Output (IOL = 4mA)
VOL
0.8
V
Active Supply Current
(Event Active)
ICCA
(Note 1)
120
300
µA
Standby Current
(Event Active) (Note 1)
ICCS
VCC = 5.5V
6
15
µA
VCC = 3.0V
2
4
EEPROM Write Current
IEE
(Note 1)
150
300
µA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Time Event Minimum
tG
(Note 1)
10
35
70
ms
Time Event Start
tES
(Note 1)
112
125
137
ms
Time Event Increment
tEI
(Note 1)
237.5
250
262.5
ms
Time Event Max
tEM
34
Years
DS1682
Total-Elapsed-Time Recorder
with Alarm
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Recommended DC Operating Conditions
DC Electrical Characteristics
Event Timing
(VCC = 2.5V to 5.5V, TA = -40°C to +85°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com