Electronic Components Datasheet Search
  English  ▼

X  

DS1682 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1682
Description  10 Bytes of EEPROM User Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1682 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1682 Datasheet HTML 1Page - Maxim Integrated Products DS1682 Datasheet HTML 2Page - Maxim Integrated Products DS1682 Datasheet HTML 3Page - Maxim Integrated Products DS1682 Datasheet HTML 4Page - Maxim Integrated Products DS1682 Datasheet HTML 5Page - Maxim Integrated Products DS1682 Datasheet HTML 6Page - Maxim Integrated Products DS1682 Datasheet HTML 7Page - Maxim Integrated Products DS1682 Datasheet HTML 8Page - Maxim Integrated Products DS1682 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The DS1682 is an integrated elapsed-time recorder con-
taining a factory-calibrated, temperature-compensated
RC time base that eliminates the need for an external
crystal. Using EEPROM technology to maintain data in
the absence of power, the DS1682 requires no backup
power source. The DS1682 detects and records the num-
ber of events on the EVENT pin and the total cumulative
event time since the DS1682 was last reset to 0. The
ALARM pin alerts the user when the total time accu-
mulated equals the user-programmed alarm value. The
polarity of the open-drain ALARM pin can be programmed
to either drive low or to become high impedance upon an
alarm condition. The DS1682 is ideal for applications that
monitor the total amount of time that a device has been
in operation and/or the number of uses since inception of
service, repair, or the last calibration.
Applications
● High-Temp, Rugged, Industrial Applications Where
Vibration or Shock Could Damage a Quartz Crystal
● Any System Where Time-of-Use is Important
(Warranty Tracking)
Benefits and Features
● Records the Total Time That the Event Input Has
Been Active and the Number of Events That Have
Occurred
● 32-Bit, Nonvolatile, Elapsed Time Counter (ETC)
Monitors Event Duration with Quarter-Second
Resolution and Provides 34 Years of Total Time
Accumulation
● Programmable Elapsed Time ALARM Output
● Nonvolatile, 17-Bit Event Counter Records the Total
Number of Times an Event has Occurred
● Calibrated, Temperature-Compensated RC Time
Base Accurate to 2% Typical
● 10 Bytes of EEPROM User Memory
● Write Disable Function to Prevent the Memory from
Being Changed or Erased
● 2-Wire Serial Communication
● Wide 2.5V to 5.5V Power-Supply Range
● Useful in Time-of-Use Warranty, Calibration, Repair,
and Maintenance Applications
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part, refer
to
www.maximintegrated.com/DS1682.related.
Figure 1. Block Diagram
SERIAL INTERFACE
EVENT COUNTER
CONTROL
LOGIC AND
EVENT
GLITCH
FILTER
OSCILLATOR
AND DIVIDER
SCL
SDA
VCC
ALARM
EVENT
DS1682
ELAPSED TIME
COUNTER (ETC)
USER, CONTROL, AND
CONFIGURATION
REGISTERS
ALARM REGS
AND
COMPARE LOGIC
EEPROM ARRAY
DS1682
Total-Elapsed-Time Recorder
with Alarm
19-6835; Rev 1; 11/13


Similar Part No. - DS1682

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1682 DALLAS-DS1682 Datasheet
77Kb / 13P
Total Elapsed Time Recorder with Alarm
logo
Maxim Integrated Produc...
DS1682 MAXIM-DS1682 Datasheet
804Kb / 14P
Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
logo
Dallas Semiconductor
DS1682S DALLAS-DS1682S Datasheet
77Kb / 13P
Total Elapsed Time Recorder with Alarm
logo
Maxim Integrated Produc...
DS1682S+ MAXIM-DS1682S+ Datasheet
804Kb / 14P
Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
DS1682S+T&R MAXIM-DS1682S+T&R Datasheet
804Kb / 14P
Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
More results

Similar Description - DS1682

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43101 ATMEL-AT43101 Datasheet
103Kb / 14P
PCMCIA Card Memory Interface Circuit with 256 Bytes of Internal Attribute Memory EEPROM
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
64k bytes of Flash memory
logo
ATMEL Corporation
AT89C2051 ATMEL-AT89C2051_14 Datasheet
398Kb / 19P
2K Bytes of Reprogrammable Flash Memory
AT89LV51 ATMEL-AT89LV51_14 Datasheet
164Kb / 16P
4K Bytes of Reprogrammable Flash Memory
AT89LV52 ATMEL-AT89LV52_14 Datasheet
422Kb / 22P
8K Bytes of Reprogrammable Flash Memory
AT89C4051 ATMEL-AT89C4051_14 Datasheet
405Kb / 19P
4K Bytes of Reprogrammable Flash Memory
AT89LV55 ATMEL-AT89LV55_14 Datasheet
585Kb / 32P
20K Bytes of Reprogrammable Flash Memory
AT89C51RC ATMEL-AT89C51RC_14 Datasheet
541Kb / 36P
32K Bytes of Reprogrammable Flash Memory
AT89C55WD ATMEL-AT89C55WD_14 Datasheet
523Kb / 35P
20K Bytes of Reprogrammable Flash Memory
logo
NXP Semiconductors
68HC05PE0 NXP-68HC05PE0 Datasheet
3Mb / 60P
The memory map includes 2096 bytes of user ROM, 128 bytes of RAM, and 64 bits of Personality EPROM.
REV. 1.2 December 8, 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com