Electronic Components Datasheet Search
  English  ▼

X  

DS1682 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1682
Description  10 Bytes of EEPROM User Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1682 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1682 Datasheet HTML 1Page - Maxim Integrated Products DS1682 Datasheet HTML 2Page - Maxim Integrated Products DS1682 Datasheet HTML 3Page - Maxim Integrated Products DS1682 Datasheet HTML 4Page - Maxim Integrated Products DS1682 Datasheet HTML 5Page - Maxim Integrated Products DS1682 Datasheet HTML 6Page - Maxim Integrated Products DS1682 Datasheet HTML 7Page - Maxim Integrated Products DS1682 Datasheet HTML 8Page - Maxim Integrated Products DS1682 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PIN
NAME
FUNCTION
1
EVENT
Event Input. The EVENT pin is the input the DS1682 monitors to determine when an event occurs. When
the pin is pulled high, the contents of the EEPROM are transferred to the ETC and the oscillator starts.
The ETC begins to count in quarter-second increments. When the EVENT pin falls to logic 0, the event
counter increments, and the event counter, ETC, and user-memory data are stored in the EEPROM array.
When the EVENT pin changes states, the 2-wire bus is unavailable for communications for tEW (falling)
and tER (rising). The EVENT input is also deglitched (tG) to prevent short noise spikes from triggering an
event.
2, 7
N.C.
No Connection. These pins are not connected internally.
3
ALARM
Active-Low Alarm Output. The DS1682 monitors the values in the ETC for the programmed value in
the alarm register. When the ETC matches the alarm value, the alarm flag (AF) is set. Once set, the
alarm flag cannot be reset. See the operating descriptions for the AOS and AP bits for details about the
operation of the ALARM pin.
4
GND
Ground
5
SCL
2-Wire Serial-Clock Input. The SCL pin is the serial-clock input for the 2-wire synchronous
communications channel. The SCL pin is an input that requires an external pullup resistor.
6
SDA
2-Wire Input/Output. The SDA pin is the data input/output signal for the 2-wire synchronous
communications channel. The SDA pin is an open-drain I/O, which requires an external pullup resistor.
8
VCC
+2.5V to +5.5V Input Supply
EVENT
+
N.C.
ALARM
1
2
3
4
8
7
6
5
GND
VCC
N.C.
SDA
SCL
SO
(150 mils)
TOP VIEW
DS1682
DS1682
Total-Elapsed-Time Recorder
with Alarm
www.maximintegrated.com
Maxim Integrated │ 5
Pin Description
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com