Electronic Components Datasheet Search
  English  ▼

X  

DS1682 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1682
Description  10 Bytes of EEPROM User Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1682 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1682 Datasheet HTML 2Page - Maxim Integrated Products DS1682 Datasheet HTML 3Page - Maxim Integrated Products DS1682 Datasheet HTML 4Page - Maxim Integrated Products DS1682 Datasheet HTML 5Page - Maxim Integrated Products DS1682 Datasheet HTML 6Page - Maxim Integrated Products DS1682 Datasheet HTML 7Page - Maxim Integrated Products DS1682 Datasheet HTML 8Page - Maxim Integrated Products DS1682 Datasheet HTML 9Page - Maxim Integrated Products DS1682 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Figure 2. Total Run Time
DS1682
VCC
EVENT
TRIGGER SWITCH
LED
SCL
PUSHBUTTON
SWITCH
ALARM
SDA
GND
0.01µF
Operation
The block diagram in Figure 1 shows the relationship
between the major functional blocks, the serial interface,
and the EEPROM memory section of the DS1682. Upon
power-up, the DS1682 transfers the contents of the
EEPROM into the counters and memory registers where
the data can be read and written through the serial inter-
face. The content of the counters and memory registers
are written into the EEPROM memory when the EVENT
pin transitions from a logic-high to a logic-low.
The DS1682 uses a calibrated, temperature-compensat-
ed RC time base to increment an ETC while an event
is active. When the event becomes active, the contents
of the nonvolatile EEPROM are transferred to the ETC
and event counter and the oscillator starts. As the event
continues, the ETC is incremented in quarter-second
increments. When the event becomes inactive, the event
counter is incremented and the contents of the ETC and
event counter are written to the nonvolatile EEPROM.
The ALARM output can be used to indicate when the ETC
has matched the value in the alarm register.
The DS1682 can be configured to prevent clearing the
alarm and the elapsed time and event counters.The user
memory can be separately write protected.
User-modified data is not stored in EEPROM until an
event becomes inactive.
Figure 2 shows the DS1682 measuring total run time and
operating from a battery with the alarm tied to an LED and
a pushbutton switch to trigger the alarm output.
Figure 3 shows the DS1682 in a total time-of-use applica-
tion where power may be removed at the same time as
the end of the event. The VCC slew rate at power-down is
fast with respect to tEW. A capacitor maintains VCC on the
DS1682 above 2.5V until the EEPROM write completes. A
Schottky diode blocks current from the capacitor to other
devices connected to VCC.
The VCC holding capacitor value of 30μF is calculated
using the maximum EEPROM write current and EEPROM
write time. This assumes that the VCC slew rate allows
time from EVENT trip point to VCC at 2.5V on the DS1682
is at least tEW.
Figure 4 shows the DS1682 in a total time-of-use applica-
tion with power that can be removed at the sametime as
the end of the event. In this application, the VCC slew rate
at power-down is slow with respect to tEW. The external
reset IC (DS1816) ends the event as VCC begins to drop.
VCC must remain above 2.5V until the end of tEW.
Figure 3. Total Time-of-Use Application with Fast VCC Slew Rate
DS1682
VCC
EVENT
LED
SCL
ALARM
SDA
GND
0.01µF
30µF typ
VCC
Figure 4. Total Time-of-Use Application with Slow VCC Slew Rate
DS1682
VCC
ALARM
LED
SCL
EVENT
SDA
GND
0.01µF
RPU = tR/CBUS
RPU
RPU
VCC
VCC
DS1816
DS1682
Total-Elapsed-Time Recorder
with Alarm
www.maximintegrated.com
Maxim Integrated │ 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com