Electronic Components Datasheet Search
  English  ▼

X  

9159 Datasheet(PDF) 29 Page - AVX Corporation

Part # 9159
Description  Table of Contents
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9159 Datasheet(HTML) 29 Page - AVX Corporation

Back Button 9159 Datasheet HTML 25Page - AVX Corporation 9159 Datasheet HTML 26Page - AVX Corporation 9159 Datasheet HTML 27Page - AVX Corporation 9159 Datasheet HTML 28Page - AVX Corporation 9159 Datasheet HTML 29Page - AVX Corporation 9159 Datasheet HTML 30Page - AVX Corporation 9159 Datasheet HTML 31Page - AVX Corporation 9159 Datasheet HTML 32Page - AVX Corporation 9159 Datasheet HTML 33Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
27
SSL - Top Load Socket
Series 9159
SOCKET TOP LOADING
4 WAY 2 PART PCB STRIP CONNECTOR
NOTES:
1. FOR MORE INFORMATION REFER TO PRODUCT
SPEC 201-01-119.
2. DIMENSIONS ARE REFERENCE DIMENSIONS
UNLESS TOLERANCES.
3. INSULATOR MATERIAL: NYLON 46.
COLOR REFER TO PAGE 24.
4. CONTACT MATERIAL: COPPER ALLOY,
GOLD OVER NICKEL.
5. BRACKETS: COPPER ALLOY, TIN PLATED.
6. OUTLINE OF CONNECTOR.
7. RESTRICTED COMPONENT HEIGHT UNDER CATCH,
2.20MM MAXIMUM.
8. RESTRICTED COMPONENT HEIGHT UNDER CATCH,
0.40MM MAXIMUM.
9. PACKING TAPE AND REEL,
QUANTITY 1400 PER REEL.
4 WAY PCB BOARD LAYOUT
PACKING DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com