Electronic Components Datasheet Search
  English  ▼

X  

9159 Datasheet(PDF) 49 Page - AVX Corporation

Part # 9159
Description  Table of Contents
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9159 Datasheet(HTML) 49 Page - AVX Corporation

Back Button 9159 Datasheet HTML 45Page - AVX Corporation 9159 Datasheet HTML 46Page - AVX Corporation 9159 Datasheet HTML 47Page - AVX Corporation 9159 Datasheet HTML 48Page - AVX Corporation 9159 Datasheet HTML 49Page - AVX Corporation 9159 Datasheet HTML 50Page - AVX Corporation 9159 Datasheet HTML 51Page - AVX Corporation 9159 Datasheet HTML 52Page - AVX Corporation 9159 Datasheet HTML 53Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
47
Code Slot A Diameter B
Text
016
1.60
1.00
9176 Ø1.6
021
2.10
1.50
9176 Ø2.1
Color
X00
Black
000
White
100
NOTES:
1. CAP FOR IDC WIRE TO BOARD CONNECTION, 2 AND 3 WAY,
THROUGH WIRE.
2. FOR USE WITH STANDARD 9176 IDC CONNECTORS, SEE
PAGE 43 FOR THE CORRECT PART CODE TO MATCH WIRE.
3. CAP MATERIAL: GLASS FILLED NYLON 46, FOR COLORS
SEE TABLE BELOW.
4. DIMENSIONS A, B AND TEXT, SEE TABLE BELOW.
5. CAPS DESIGNED TO ACCOMMODATE WIRE INSULATION
DIAMETERS 1.1MM TO 1.6MM AND 1.6MM TO 2.1MM.
6. ALL DIMENSIONS SHOWN ARE REFERENCE DIMENSIONS.
7. PACKED IN BAGS, 1000 PIECES PER BAG.
SSL - Discrete Wire IDC
Series 9176
60-9176-00X-0XX-X00
ACCESSORY CAP – THROUGH WIRE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com