Electronic Components Datasheet Search
  English  ▼

X  

9159 Datasheet(PDF) 59 Page - AVX Corporation

Part # 9159
Description  Table of Contents
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9159 Datasheet(HTML) 59 Page - AVX Corporation

Back Button 9159 Datasheet HTML 55Page - AVX Corporation 9159 Datasheet HTML 56Page - AVX Corporation 9159 Datasheet HTML 57Page - AVX Corporation 9159 Datasheet HTML 58Page - AVX Corporation 9159 Datasheet HTML 59Page - AVX Corporation 9159 Datasheet HTML 60Page - AVX Corporation 9159 Datasheet HTML 61Page - AVX Corporation 9159 Datasheet HTML 62Page - AVX Corporation 9159 Datasheet HTML 63Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 59 / 63 page
background image
57
SSL - Discrete Wire IDC
Series 9177
14-20 AWG 1 WAY IDC CONNECTOR
NOTES:
1. CONNECTOR FOR IDC WIRE TO BOARD CONNECTION.
2. CONTACT MATERIAL: PHOSPHORE BRONZE.
INSULATION MATERIAL: HIGH TEMPERATURE NYLON 46.
COLOR REFER TO PAGE 51.
3. CONNECTOR DESIGNED TO ACCEPT BETWEEN 14 AND 20 GAUGE
STRANDED WIRE.
4. ALL DIMENSIONS FOR REFERENCE UNLESS OTHERWISE STATED.
5. FOR FULL PRODUCT SPECIFICATION REFER TO ELCO SPEC 201-01-109.
6. FOR PCB SPACE RESTRICTED BY ASSEMBLY TOOLING REFER TO PAGE 55.
PACKING DETAILS
REEL QTY
400
LEADER
500MM
TRAILER
400MM
REEL/BOX
4
PACK QTY
1600
SMT PCB LAYOUT
PURE TIN PADS
Code
Accepted
A
Wire
B
Wire Gauge
Insulation
001 14 Gauge Stranded 1.10 Ø 4.25 max 4.25
012 16 Gauge Stranded 0.82 Ø 3.50 max 3.50
022 18 Gauge Stranded 0.72 Ø 3.50 max 3.50
033 20 Gauge Stranded 0.60 Ø 2.75 max 2.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com