Electronic Components Datasheet Search
  English  ▼

X  

9159 Datasheet(PDF) 62 Page - AVX Corporation

Part # 9159
Description  Table of Contents
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9159 Datasheet(HTML) 62 Page - AVX Corporation

Back Button 9159 Datasheet HTML 55Page - AVX Corporation 9159 Datasheet HTML 56Page - AVX Corporation 9159 Datasheet HTML 57Page - AVX Corporation 9159 Datasheet HTML 58Page - AVX Corporation 9159 Datasheet HTML 59Page - AVX Corporation 9159 Datasheet HTML 60Page - AVX Corporation 9159 Datasheet HTML 61Page - AVX Corporation 9159 Datasheet HTML 62Page - AVX Corporation 9159 Datasheet HTML 63Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 62 / 63 page
background image
60
SSL - Discrete Wire IDC
Series 9177
NOTES:
1. ALL DIMENSIONS FOR REFERENCE DIMENSIONS.
2. MAXIMUM COMPONENT HEIGHT 0.80MM IN THIS AREA.
3. MAXIMUM COMPONENT HEIGHT 11.00 MM IN THIS AREA.
4. THE SAME RESTRICTIONS APPLY TO ALL WIRE
INSULATION DIAMETERS.
INSERTION TOOLING – REQUIRES HAND PRESS WITH FLAT ROCK PLATES
HIGH PRODUCTION
Metal
No.
Max
Tool
of Ways
Insulation
Part Number
Dia
4.25
06 9177 7017 01 001
1
3.50
06 9177 7017 03 001
2.75
06 9177 7017 03 001
4.25
06 9177 7017 01 002
2
350
06 9177 7017 02 002
2.75
06 9177 7017 03 002
4.25
06 9177 7017 01 003
3
3.50
06 9177 7017 02 003
2.75
06 9177 7017 03 003
MED PRODUCTION
Metal
No.
Max
Tool
of Ways
Insulation
Part Number
Dia
4.25
06 9177 7016 01 001
1
3.50
06 9177 7016 02 001
2.75
06 9177 7016 03 001
4.25
06 9177 7016 01 002
2
350
06 9177 7016 02 002
2.75
06 9177 7016 03 002
4.25
06 9177 7016 01 003
3
3.50
06 9177 7016 02 003
2.75
06 9177 7016 03 003
1 WAY
2 WAY
3 WAY
INSERTION TOOLING – PCB RESTRICTED AREAS FOR ASSEMBLY TOOLING
1 WAY
2 WAY
3 WAY
The assembly tooling restricts the available
space/component heights on the PCB.
For details see below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com