Electronic Components Datasheet Search
  English  ▼

X  

9159 Datasheet(PDF) 38 Page - AVX Corporation

Part # 9159
Description  Table of Contents
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9159 Datasheet(HTML) 38 Page - AVX Corporation

Back Button 9159 Datasheet HTML 34Page - AVX Corporation 9159 Datasheet HTML 35Page - AVX Corporation 9159 Datasheet HTML 36Page - AVX Corporation 9159 Datasheet HTML 37Page - AVX Corporation 9159 Datasheet HTML 38Page - AVX Corporation 9159 Datasheet HTML 39Page - AVX Corporation 9159 Datasheet HTML 40Page - AVX Corporation 9159 Datasheet HTML 41Page - AVX Corporation 9159 Datasheet HTML 42Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
36
PACKING DETAILS
REEL QTY
750
LEADER
500MM
TRAILER
500MM
REEL PER BOX
TBC
SSL - One Piece Card Edge
Series 9159
4 WAY SINGLE PART PCB STRIP CONNECTOR
NOTES:
1. FOR MORE INFORMATION REFER TO PRODUCT SPEC 201-01-118.
2. DIMENSIONS ARE REFERENCE DIMENSIONS UNLESS TOLERANCED.
3. ARROW TO INDICATE CONTACT POSITION 1.
4. INSULATOR MATERIAL: NYLON 46, UL94 HB, COLOR SEE PAGE 33.
5. CONTACT MATERIAL: COPPER ALLOY, TIN PLATED ALL OVER.
6. PCB PAD, TIN PLATED.
4 WAY PCB BOARD LAYOUT
THICKNESS 1.60 ± 0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com