Electronic Components Datasheet Search
  English  ▼

X  

9159 Datasheet(PDF) 33 Page - AVX Corporation

Part # 9159
Description  Table of Contents
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9159 Datasheet(HTML) 33 Page - AVX Corporation

Back Button 9159 Datasheet HTML 29Page - AVX Corporation 9159 Datasheet HTML 30Page - AVX Corporation 9159 Datasheet HTML 31Page - AVX Corporation 9159 Datasheet HTML 32Page - AVX Corporation 9159 Datasheet HTML 33Page - AVX Corporation 9159 Datasheet HTML 34Page - AVX Corporation 9159 Datasheet HTML 35Page - AVX Corporation 9159 Datasheet HTML 36Page - AVX Corporation 9159 Datasheet HTML 37Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
31
SSL – Shorting Socket
Series 9159
The 9159 series of Board-to-Board interconnect system allows two
PCB's to be mated end-to-end creating strips of LED lighting. Designed
specifically for the unique Solid State Lighting (SSL) market requiring
coplanar (horizontal-to-horizontal) PCB mating with a 5 Amp current
rating in the smallest package available. The 2 position shorting socket
was designed to plug onto the last PCB in the lighting strip to short the
two contacts together, closing the electrical loop. Just as the cabled plug
brings power and signals onto the light strip, the shorting socket
completes the circuit while maintaining a single board design.
Additional components in the 9159 product family include:
• SSL - Horizontal Plug; Standard 2-Piece solution (10-9159)
• SSL - Cabled Plug; Supports wire-to-board applications (11-9159)
• SSL - Horizontal Socket; Standard 2-Piece solution (20-9159)
• SSL - Top Load Socket; ZIF style for field reparability (22-9159)
• SSL - Retaining Clip; Latches BTB connectors together (80-9159)
ELECTRICAL
• Current Rating: 5 Amps / Contact
• Voltage Rating: 125 VAC
ENVIRONMENTAL
• Operating Temperature:
-40ºC to +125ºC
MECHANICAL
• Insulator Material: Nylon: VL94VO
• Contact Material: BeCu / Phos Bronze
• Plating: Gold / Tin over Nickel
• Durability: 10 Cycles
FEATURES AND BENEFITS
• Mates to the standard plug connector; does not require a new connector
• Integral latching mechanism; Provides positive attachment to the plug
• Gold plated BeCu spring contacts; reliability for harsh environments
• Available in white; supports SSL market preferences
APPLICATIONS
• Coplanar PCB mating in SSL products
• LED linear lighting strips
• Application Notes; refer to 201-01-123
58 9159 002 000 006
HOW TO ORDER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com