Electronic Components Datasheet Search
  English  ▼

X  

9159 Datasheet(PDF) 40 Page - AVX Corporation

Part # 9159
Description  Table of Contents
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9159 Datasheet(HTML) 40 Page - AVX Corporation

Back Button 9159 Datasheet HTML 36Page - AVX Corporation 9159 Datasheet HTML 37Page - AVX Corporation 9159 Datasheet HTML 38Page - AVX Corporation 9159 Datasheet HTML 39Page - AVX Corporation 9159 Datasheet HTML 40Page - AVX Corporation 9159 Datasheet HTML 41Page - AVX Corporation 9159 Datasheet HTML 42Page - AVX Corporation 9159 Datasheet HTML 43Page - AVX Corporation 9159 Datasheet HTML 44Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
38
SSL - Discrete Wire IDC
Series 9175
The 917X series of surface mount Insulation Displacement Connectors (IDC)
were developed to meet the harsh automotive and industrial market
applications for connecting individual wires directly to a PCB ranging from 14
AWG to 28 AWG. This industry proven contact system has been tested to
automotive levels of shock, vibration, and temperature cycling to prove their
reliability and robustness. The simplicity of inserting a wire into the connector
with a small tool allows a wide range of devices to be connected to the PCB
without soldering. In SSL applications specifically, these connectors are used to
bring power and signal onto the PCB or are used to daisy chain multiple boards
together in a long string. While the IDC contact provides a gas-tight connection
to conductor of the wire, the housing has been designed to grab the insulation
of the wire to provide a positive strain relief even in the harshest conditions. In
case of repair, the wires can be removed and replace up to three times.
The 9175 series accepts 26 AWG to 28 AWG wires with an insulation diameter
ranging from 0.7mm to 1.0mm. These single contact connectors support a 1
amp current rating and have a split SMT tail design to provide maximum
stability on the PCB. Available in a 2p and 3p configuration, these connectors
can be end stackable for higher pin counts.
ELECTRICAL
• Current Rating: 1 Amp / Contact
• Voltage Rating: 125 VAC
9175
Series
00
Prefix
00X
Number of Ways
06
Plating
Option
06 = Pure Tin
all over
HOW TO ORDER
X
Insulator Color
001
Wire Gauge Size
Code Color
Application
0
Black
Industrial
1
White
Lighting
ENVIRONMENTAL
• Operating Temperature:
-40ºC to +125ºC
MECHANICAL
• Insulator Material: Nylon 46: UL94V0
• Contact Material: Phosphor Bronze
• Plating: Tin over Nickel
• Durability: 3 Cycles
FEATURES AND BENEFITS
• IDC contact provides a gas-tight connection to the PCB for long term reliability
• Connector housing captures the wire insulation for positive strain relief
• Tested to automotive levels on shock, vibration and temperature cycling for reliability
• Low and high volume assembly tools to match production volumes
• Reduced total applied cost versus solder or crimp processes
• High temperature insulator capable to 260 degrees C reflow soldering processes
APPLICATIONS
• Connecting discrete wire components
directly to the PCB
• Bringing power and signals onto a PCB
• Daisy chaining PCB’s together to create
a continuous string of boards
• Application Notes: refer to 201-01-124
Code
No of
Details
Ways
002
2
Page 39
003
3
Page 40
Code
Accepted
Wire
Wire Gauge
Insulation
001
28 Gauge Solid or Stranded Min Ø 0.70
26 Gauge Solid or Stranded Max Ø 1.00
Certification: UL File #E320991



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com