Electronic Components Datasheet Search
  English  ▼

X  

CCU3000 Datasheet(PDF) 32 Page - Micronas

Part # CCU3000
Description  Central Control Unit
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

CCU3000 Datasheet(HTML) 32 Page - Micronas

Back Button CCU3000 Datasheet HTML 28Page - Micronas CCU3000 Datasheet HTML 29Page - Micronas CCU3000 Datasheet HTML 30Page - Micronas CCU3000 Datasheet HTML 31Page - Micronas CCU3000 Datasheet HTML 32Page - Micronas CCU3000 Datasheet HTML 33Page - Micronas CCU3000 Datasheet HTML 34Page - Micronas CCU3000 Datasheet HTML 35Page - Micronas CCU3000 Datasheet HTML 36Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
CCU 3000, CCU 3000-I
CCU 3001, CCU 3001-I
MICRONAS INTERMETALL
32
4.6. Electrical Characteristics
All voltages refer to ground.
4.6.1. Absolute Maximum Ratings
Symbol
Parameter
Pin
Min.
Max.
Unit
TA
Ambient Operating Temperature
–
0
65
°C
TS
Storage Temperature
–
–40
+125
°C
VSUP
Supply Voltage
1
–0.5
6
V
VI
Input Voltage
4, 6, 16,
13 to 25,
42 to 68
–0.3 V
VSUP+0.3 V
–
Pmax
Maximum Power Dissipation
–
–
500
mW
The total sum of all the sink currents of all ports together must not exceed 80 mA Ioutlow and 280 mA – Iout high at any
time. Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only. Functional operation of the device at these or any other conditions beyond those indicated
in the “Recommended Operating Conditions/Characteristics” of this specification is not implied. Exposure to absolute
maximum ratings conditions for extended periods may affect device reliability.
4.6.2. Recommended Operating Conditions at TA = 0 °Cto 65°C
Symbol
Parameter
Pin
Min.
Typ.
Max.
Unit
VSUP
Supply Voltage
1
4.75
–
5.25
V
fCLK
Clock Frequency
3, 4
0.5
–
8
MHz
4.6.3. Recommended Crystal Characteristics at CXTAL1 = CXTAL2 = 22 pF; Cstray ≤ 2 pF; CL ≈13 pF
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Ambient Operating Temperature
–20
–
+85
°C
fp
Parallel Resonance Frequency
@ CL = 13 pF
–
4–8
–
MHz
Rr
Series Resistance
–
–
40 [8MHz]
150 [4 MHz]
Ω
C0
Shunt Capacitance
–
–
7.0
pF
C1
Motional Capacitance
–
–
20
fF
P
Rated Drive Level
–
0.02
–
mW
fp / fH
Spurious Frequency Attenuation
20
–
–
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com