Electronic Components Datasheet Search
  English  ▼

X  

CCU3000 Datasheet(PDF) 22 Page - Micronas

Part # CCU3000
Description  Central Control Unit
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

CCU3000 Datasheet(HTML) 22 Page - Micronas

Back Button CCU3000 Datasheet HTML 18Page - Micronas CCU3000 Datasheet HTML 19Page - Micronas CCU3000 Datasheet HTML 20Page - Micronas CCU3000 Datasheet HTML 21Page - Micronas CCU3000 Datasheet HTML 22Page - Micronas CCU3000 Datasheet HTML 23Page - Micronas CCU3000 Datasheet HTML 24Page - Micronas CCU3000 Datasheet HTML 25Page - Micronas CCU3000 Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
CCU 3000, CCU 3000-I
CCU 3001, CCU 3001-I
MICRONAS INTERMETALL
22
3. Definitions
3.1. Interrupt Definitions
Interrupt
Source
Vector (low, high byte)
0
TIMER1
FFF6, FFF7
1
TIMER2
FFF4, FFF5
2
TIMER3
FFF2, FFF3
3
IM-BUS1, Master FFF0, FFF1
4
IM-BUS1, Slave
FFEE, FFEF
5
IM-BUS2, Master FFEC, FFED
6
IM-BUS2, Slave
FFEA, FFEB
7
P87
FFE8, FFE9
RESET
FFFC, FFFD
3.2. Memory Mappings
RAM
0000H to 01FFH
Page 0, 1
0300H to 063FH
Page 3, 4, 5, 6
ROM
8000H to FFFFH
(CCU3001 only)
Control
FFF9
byte
I/O
0200 to 02FF
3.3. I/O Definitions
Address
Function
200H
Clock frequency
201H
Control register
202H
Watchdog
203H
Port 1 Data
204H
Direction Register Port 1
205H
Port 2 Data
206H
Direction Register Port 2
207H
Port 3 Data
208H
Direction Register Port 3
209H
Port 4 Data
20AH
Port 5 Mode Register
20BH
Port 5 Direction Register
20CH
Port 5 Data
20DH
IR-Input
20FH
Port 7 Mode Register
210H
IM-Bus 1 control and status
211H
IM-Bus 1 data transfer rate
213H
IM-Bus 1 master address
214H
IM-Bus 1 master data low byte
215H
IM-Bus 1 master data high byte
216H
IM-Bus 1 slave 1, IM address 02
218H
IM-Bus 1 slave 2, IM-Bus address 03
21AH
IM-Bus 1 slave 3, IM-Bus address 04
21CH
Interrupt controller control byte
21DH
Interrupt controller return byte
21EH
Interrupt controller priorities source 0 & 1
21FH
Interrupt controller priorities source 2 & 3
220H
Interrupt controller priorities source 4 & 5
221H
Interrupt controller priorities source 6 & 7
222H
Timer 1 control byte 1
223H
Timer 1 control byte 2
224H
Timer 1 control byte 3
225H
Timer 1 prescaler low byte
226H
Timer 1 prescaler high byte
228H
Timer 1 accu low byte
229H
Timer 1 accu high byte
22AH
Timer 1 adder low byte
22BH
Timer 1 adder high byte
22CH
Timer 2 control byte 1
22DH
Timer 2 control byte 2
22EH
Timer 2 control byte 3
22FH
Timer 2 prescaler low byte
230H
Timer 2 prescaler high byte
232H
Timer 2 accu low byte
233H
Timer 2 accu high byte
234H
Timer 2 adder low byte
235H
Timer 2 adder high byte
236H
Timer 3 control byte 1
237H
Timer 3 control byte 2
238H
Timer 3 control byte 3
239H
Timer 3 prescaler low byte
23AH
Timer 3 prescaler high byte
23CH
Timer 3 accu low byte
23DH
Timer 3 accu high byte
23EH
Timer 3 adder low byte
23FH
Timer 3 adder high byte
240H
Port 6 Data
241H
Direction Register Port 6
242H
Port 7 Data
243H
Direction Register Port 7
244H
Port 8 Data
245H
Direction Register Port 8
246H
IM-Bus 2 control & status
247H
IM-Bus 2 transfer rate
249H
IM-Bus 2 master address
24AH
IM-Bus 2 master data low
24BH
IM-bus 2 master data high
24CH
IM-bus 2 slave 1, IM address 02
24EH
IM-bus 2 slave 2, IM address 03
250H
IM-bus 2 slave 3, IM address 04
2E0H
External addresses, used for EMU boards
to 2E7H
2FEH
Reserved, do not use
2FFH
Reserved for testing purposes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com