Electronic Components Datasheet Search
  English  ▼

X  

CCU3000 Datasheet(PDF) 30 Page - Micronas

Part # CCU3000
Description  Central Control Unit
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

CCU3000 Datasheet(HTML) 30 Page - Micronas

Back Button CCU3000 Datasheet HTML 26Page - Micronas CCU3000 Datasheet HTML 27Page - Micronas CCU3000 Datasheet HTML 28Page - Micronas CCU3000 Datasheet HTML 29Page - Micronas CCU3000 Datasheet HTML 30Page - Micronas CCU3000 Datasheet HTML 31Page - Micronas CCU3000 Datasheet HTML 32Page - Micronas CCU3000 Datasheet HTML 33Page - Micronas CCU3000 Datasheet HTML 34Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 77 page
background image
CCU 3000, CCU 3000-I
CCU 3001, CCU 3001-I
MICRONAS INTERMETALL
30
Pin 53 : P75 or Memory Bank Address 5:
in
Port Mode:
in
Normal Mode: Port 7 Bit 5
in
Special Mode: Memory Bank Address 5
in
Bus Mode:
in
Normal Mode: Port 7 Bit 5
in
Special Mode: Memory Bank Address 5
Pin 54 : P76 or inverted CPU R/W\:
in
Port Mode:
in
Normal Mode: Port 7 Bit 6
in
Special Mode: inverted CPU R/W\,
i.e.: low active at read
in
Bus Mode:
in
Normal Mode: Port 7 Bit 6
in
Special Mode: inverted CPU R/W\,
i.e.: low active at read
Pin 55 : P77 or Power-down Control:
in
Port Mode:
in
Normal Mode: Port 7 Bit 7
in
Special Mode: Power-down Control External
Memory (high active)
in
Bus Mode:
in
Normal Mode: Port 7 Bit 7
in
Special Mode: Power-down Control External
Memory (high active)
Pin 56 : P80: Port 8 Bit 0
Pin 57 : P81: Port 8 Bit 1
Pin 58 : P82: Port 8 Bit 2
Pin 59 : P83: Port 8 Bit 3
Pin 60 : P87/INT:
Port 8 Bit 7 and interrupt input
(interrupt controller source 7)
Pin 61 : P60: Port 6 Bit 0
Pin 62 : P61: Port 6 Bit 1
Pin 63 : P62: Port 6 Bit 2
Pin 64 : P63: Port 6 Bit 3
Pin 65 : P64: Port 6 Bit 4
Pin 66 : P65: Port 6 Bit 5
Pin 67 : P66: Port 6 Bit 6
Pin 68 : P67: Port 6 Bit 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com