Electronic Components Datasheet Search
  English  ▼

X  

CCU3000 Datasheet(PDF) 63 Page - Micronas

Part # CCU3000
Description  Central Control Unit
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

CCU3000 Datasheet(HTML) 63 Page - Micronas

Back Button CCU3000 Datasheet HTML 59Page - Micronas CCU3000 Datasheet HTML 60Page - Micronas CCU3000 Datasheet HTML 61Page - Micronas CCU3000 Datasheet HTML 62Page - Micronas CCU3000 Datasheet HTML 63Page - Micronas CCU3000 Datasheet HTML 64Page - Micronas CCU3000 Datasheet HTML 65Page - Micronas CCU3000 Datasheet HTML 66Page - Micronas CCU3000 Datasheet HTML 67Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 77 page
background image
CCU 3000, CCU 3000-I
CCU 3001, CCU 3001-I
MICRONAS INTERMETALL
63
7.1.2. Recommended Operating Conditions at VDD = 4.75 V, TAMB = 0 °Cto 70°C
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
Input Voltages
VINL
Input Low Voltage
34
Vss – 0.3
–
0.8
V
VIH
Input High Voltage
3, 4,
6–68
2.8
–
VDD +0.3
V
Open Drain Output Voltages
VOH
Output High Voltage
61–68
–
VDD +0.3
V
(Port 6 only)
Standby Voltage
VSTBY
5
3
–
5.25
V
Clock Input
FXTAL
4
0.5
–
8
MHz
external clock
Capacitive Load on Address, RWQ and Data Pads (Port1, Port2, Port3, Port4)
CADF
17–41
30
pF
Bus fast mode
t020Eu, Bit0=0
CADS
17–41
100
pF
Bus slow mode
t020Eu, Bit0=1
7.1.3. Recommended Crystal Characteristics at CXTAL1 = CXTAL2 = 22 pF±1p; Cstray ≤ 2 pF
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
Quartz (XTAL1/XTAL2)
fp
Parallel Resonance Frequency
–
–
4–8
–
MHz
CL= 13 pF
R1
Series Resistance
–
–
–
40
150
Ω
Ω
8 MHz
4 MHz
C0
Shunt Capacitance
–
–
–
7.0
pF
C1
Motional Capacitance
–
–
–
20
fF
P
Rated Drive Level
–
–
0.02
–
mW
fp / fH
Spurious Frequency Attenuation
–
20
–
–
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com