Electronic Components Datasheet Search
  English  ▼

X  

CCU3000 Datasheet(PDF) 12 Page - Micronas

Part # CCU3000
Description  Central Control Unit
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

CCU3000 Datasheet(HTML) 12 Page - Micronas

Back Button CCU3000 Datasheet HTML 8Page - Micronas CCU3000 Datasheet HTML 9Page - Micronas CCU3000 Datasheet HTML 10Page - Micronas CCU3000 Datasheet HTML 11Page - Micronas CCU3000 Datasheet HTML 12Page - Micronas CCU3000 Datasheet HTML 13Page - Micronas CCU3000 Datasheet HTML 14Page - Micronas CCU3000 Datasheet HTML 15Page - Micronas CCU3000 Datasheet HTML 16Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
CCU 3000, CCU 3000-I
CCU 3001, CCU 3001-I
MICRONAS INTERMETALL
12
Fig. 2–12: Using an external CPU
DQ
A0 ...A15
ROM/RAM
D0 ...D7
D0
D7
A0
A15
XTAL1
XTAL2
CLK
Φ
Ext.
CPU
or
Emul.
RDY
IR
Counter
2 in
Q
clr
NMI
OR
clr
D
21
D0
D7
A0
A15
en
CCU
3000,
CCU
3001
EMU
Version
in
2.12. IM Bus Interface
The IM bus has been improved in its characteristics for
the CCU 3000, CCU 3001. In comparison to the inter-
face of the CCU 2000 series it differs in:
– multimaster ability
– 3 slave registers (8 bit wide)
– higher speed possible
The multimaster ability permits the use of several CCUs
on the same IM bus without impeding each other. Spe-
cially in add-on systems or systems with need of high
computing power and/or I/O requirements, this offers
great advantages. If several CCUs are admitted in a sys-
tem, it must be ascertained that these can communicate
with each other. A slave IM bus interface has been in-
stalled for this purpose. Parallel to the lines of the mas-
ter, three completely independent receiver registers
have been installed. All of these are constantly alert,
whether the master itself is active or not. As all CCUs
have the same IM bus addresses for these registers, the
contents of these registers (that is, for all CCUs that are
in the system) will be the same. The handshake
amongst these is realized in software, and one register
each is reserved for the device address, the request and
the data to be transported. The data rate can now be ad-
justed per software. It is possible to attain 1 MBit/s, if the
bus participants in question are devised to support this
rate. Also the actual realization of the bus can forbid
such a high data rate. The IM bus interface needs exter-
nal pull-up resistors.
In the I/O-page the IM bus interface reserves 8 bytes:
3 bytes
slave receiving registers (read)
1 byte
master address (write)
2 bytes
master data register (read/write)
1 byte
control register (read/write)
read:
bit 0
0... IM bus master ready
1... IM bus master busy
bit 1
1 Byte received in slave register 1
(may generate interrupt)
bit 2
IM-bus 1 control and status
(may generate interrupt)
bit 3
Word 3 Received (may generate
interrupt)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com