Electronic Components Datasheet Search
  English  ▼

X  

CCU3000 Datasheet(PDF) 29 Page - Micronas

Part # CCU3000
Description  Central Control Unit
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

CCU3000 Datasheet(HTML) 29 Page - Micronas

Back Button CCU3000 Datasheet HTML 25Page - Micronas CCU3000 Datasheet HTML 26Page - Micronas CCU3000 Datasheet HTML 27Page - Micronas CCU3000 Datasheet HTML 28Page - Micronas CCU3000 Datasheet HTML 29Page - Micronas CCU3000 Datasheet HTML 30Page - Micronas CCU3000 Datasheet HTML 31Page - Micronas CCU3000 Datasheet HTML 32Page - Micronas CCU3000 Datasheet HTML 33Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
CCU 3000, CCU 3000-I
CCU 3001, CCU 3001-I
MICRONAS INTERMETALL
29
Pin 36 : P32 or address bit 10:
in
Port Mode: Port 3 Bit 2
in
Bus Mode: CPU address bit 10
Pin 37 : P33 or address bit 11:
in
Port Mode: Port 3 Bit 3
in
Bus Mode: CPU address bit 11
Pin 38 : P34 or address bit 12:
in
Port Mode: Port 3 Bit 4
in
Bus Mode: CPU address bit 12
Pin 39 : P35 or address bit 13:
in
Port Mode: Port 3 Bit 5
in
Bus Mode: CPU address bit 13
Pin 40 : P36 or address bit 14:
in
Port Mode: Port 3 Bit 6
in
Bus Mode: CPU address bit 14
Pin 41 : P37 or address bit 15:
in
Port Mode: Port 3 Bit 7
in
Bus Mode: CPU address bit 15
Pin 42 : P50 or RDPort1\:
in
Port Mode:
in
Normal Mode: Port 5 Bit 0 (open drain output)
in
Special Mode: read port 1 (low active)
in
Bus Mode:
in
Normal Mode: Port 5 Bit 0 (open drain output)
in
Special Mode: read port 1 (low active)
Pin 43 : P51 or WRPort1\:
in
Port Mode:
in
Normal Mode: Port 5 Bit 1 (open drain output)
in
Special Mode: write port 1 (low active)
in
Bus Mode:
in
Normal Mode: Port 5 Bit 1 (open drain output)
in
Special Mode: write port 1 (low active)
Pin 44 : P52 or RDPort2\:
in
Port Mode:
in
Normal Mode: Port 5 Bit 2 (open drain output)
in
Special Mode: read port 2 (low active)
in
Bus Mode:
in
Normal Mode: Port 5 Bit 2 (open drain output)
in
Special Mode: read port 2 (low active)
Pin 45 : P53 or WRPort2\:
in
Port Mode:
in
Normal Mode: Port 5 Bit 3 (open drain output)
in
Special Mode: write port 2 (low active)
in
Bus Mode:
in
Normal Mode: Port 5 Bit 3 (open drain output)
in
Special Mode: write port 2 (low active)
Pin 46 : P54 or RDPort3\:
in
Port Mode:
in
Normal Mode: Port 5 Bit 4 (open drain output)
in
Special Mode: read port 3 (low active)
in
Bus Mode:
in
Normal Mode: Port 5 Bit 4 (open drain output)
in
Special Mode: read port 3 (low active)
Pin 47 : P55 or WRPort3\:
in
Port Mode:
in
Normal Mode: Port 5 Bit 5 (open drain output)
in
Special Mode: write port 3 (low active)
in
Bus Mode:
in
Normal Mode: Port 5 Bit 5 (open drain output)
in
Special Mode: write port 3 (low active)
Pin 48 : P70 or Memory Bank Address 0:
in
Port Mode:
in
Normal Mode: Port 7 Bit 0
in
Special Mode: Memory Bank Address 0
in
Bus Mode:
in
Normal Mode: Port 7 Bit 0
in
Special Mode: Memory Bank Address 0
Pin 49 : P71 or Memory Bank Address 1:
in
Port Mode:
in
Normal Mode: Port 7 Bit 1
in
Special Mode: Memory Bank Address 1
in
Bus Mode:
in
Normal Mode: Port 7 Bit 1
in
Special Mode: Memory Bank Address 1
Pin 50 : P72 or Memory Bank Address 2:
in
Port Mode:
in
Normal Mode: Port 7 Bit 2
in
Special Mode: Memory Bank Address 2
in
Bus Mode:
in
Normal Mode: Port 7 Bit 2
in
Special Mode: Memory Bank Address 2
Pin 51 : P73 or Memory Bank Address 3:
in
Port Mode:
in
Normal Mode: Port 7 Bit 3
in
Special Mode: Memory Bank Address 3
in
Bus Mode:
in
Normal Mode: Port 7 Bit 3
in
Special Mode: Memory Bank Address 3
Pin 52 : P74 or Memory Bank Address 4:
in
Port Mode:
in
Normal Mode: Port 7 Bit 4
in
Special Mode: Memory Bank Address 4
in
Bus Mode:
in
Normal Mode: Port 7 Bit 4
in
Special Mode: Memory Bank Address 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com