Electronic Components Datasheet Search
  English  ▼

X  

CCU3000 Datasheet(PDF) 7 Page - Micronas

Part # CCU3000
Description  Central Control Unit
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

CCU3000 Datasheet(HTML) 7 Page - Micronas

Back Button CCU3000 Datasheet HTML 3Page - Micronas CCU3000 Datasheet HTML 4Page - Micronas CCU3000 Datasheet HTML 5Page - Micronas CCU3000 Datasheet HTML 6Page - Micronas CCU3000 Datasheet HTML 7Page - Micronas CCU3000 Datasheet HTML 8Page - Micronas CCU3000 Datasheet HTML 9Page - Micronas CCU3000 Datasheet HTML 10Page - Micronas CCU3000 Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
CCU 3000, CCU 3000-I
CCU 3001, CCU 3001-I
MICRONAS INTERMETALL
7
2.8.1. Power-down Control External Memory
(Special Mode P77)
In many applications the power consumption of the con-
troller should be reduced when the system goes into
standby mode. The programmable clock of the CCU al-
lows this, but external memories do not automatically re-
duce their power consumptions when the access speed
is slower. These devices need a separate control signal
for power down. Special out of P77 delivers such a sig-
nal. It is low for the last two XTAL cycles before, and 0.5
cycles after the rising edge of the internal PHI2 clock.
This guarantees a wake-up and address time of 2 cycles
and a maximum active time of 2.5 clock cycles for each
PHI2 period. At higher speeds the P77 special out stays
low.
FOSC
Internal
Φ2
P77
2 cycles
2.5 cycles
Fig. 2–3: Power-down control
Please note that during and after reset P77 is a port line
(= tristate) until the special mode and the direction regis-
ter is set by software. A pull-down resistor on the power-
down input of the memory is necessary to allow the CCU
the access to the control word and the first instructions.
2.8.2. R/W Output (Special Mode P76)
This is the negated R/W-line of the CPU. Can be used
for CE or OE control on memories. With a pull-down re-
sistor on this pin it is active during RESET.
2.8.3. Banking Address (Special Mode P70 to P 75)
Banking is done in 32 KByte banks. The first bank (000H
to 7FFFH) includes the RAM, the I/O-page and ROM (all
other locations) and is used as a home-bank for the
banking controller, interrupt routines, common subrou-
tines etc. The second half of the address space (8000H
to FFFFH) is banked.
In the special mode of Port 70 to 75 the content of the
data register is output as long as the address A15=1.
A low level of A15 forces all special outs of P70 to P75
to become ‘0’. The data register can contain the bank ad-
dresses 1 to 63. This bank is used for CPU accesses
from 8000H to FFFFH. Low accesses are always done
to bank 0, independent of the data of Port 7.
Note:
– all upper banks must contain the interrupt vectors.
Bank 0 must have the control word and reset vector.
– during and after reset P7 is in the Tristate-Port-Mode.
To make sure that the control word and the reset vector
can be accessed use high impedance pull-down resis-
tors on all special-out P7 lines. The control word and
the reset vector are then accessed out from bank 0.
The init routine (where P7 will be defined as special
out) must be in bank 0.
FFFFH
Bank 1
2
3
4
5
Bank 63
INT vectors
in all Banks
1 to 63
8000H
7FFDH
Bank 0
0000H
RAM
I/O
RAM
7FFCH
7FF9H
7FFFH
Home bank
Reset
Reset
Control word
ROM
if pull-down resistors
are used for all bank
address outputs
Fig. 2–4: Memory Map, up to 2 MByte
CCU
Memory
A0
A0
A14
A15
A14
A15
A16
A17
A18
A19
A20
P70
P71
P72
P73
P74
P75
Fig. 2–5: Banking with 32 kByte banks
open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com