Electronic Components Datasheet Search
  English  ▼

X  

VN7140AS Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN7140AS
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140AS Datasheet(HTML) 1 Page - STMicroelectronics

  VN7140AS Datasheet HTML 1Page - STMicroelectronics VN7140AS Datasheet HTML 2Page - STMicroelectronics VN7140AS Datasheet HTML 3Page - STMicroelectronics VN7140AS Datasheet HTML 4Page - STMicroelectronics VN7140AS Datasheet HTML 5Page - STMicroelectronics VN7140AS Datasheet HTML 6Page - STMicroelectronics VN7140AS Datasheet HTML 7Page - STMicroelectronics VN7140AS Datasheet HTML 8Page - STMicroelectronics VN7140AS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
October 2016
DocID027401 Rev 3
1/55
This is information on a product in full production.
www.st.com
VN7140AJ, VN7140AS
High-side driver with MultiSense analog feedback for automotive
applications
Datasheet - production data
Features
Max transient supply voltage
VCC
40 V
Operating voltage range
VCC
4 to 28 V
Typ. on-state resistance (per Ch)
RON
140
mΩ
Current limitation (typ)
ILIMH
12 A
Standby current (max)
ISTBY
0.5 µA
AEC-Q100 qualified
General
Single channel smart high-side driver
with MultiSense analog feedback
Very low standby current
Compatible with 3 V and 5 V CMOS
outputs
MultiSense diagnostic functions
Multiplexed analog feedback of: load
current with high precision proportional
current mirror, VCC supply voltage and
TCHIP device temperature
Overload and short to ground (power
limitation) indication
Thermal shutdown indication
OFF-state open-load detection
Output short to VCC detection
Sense enable/disable
Protections
Undervoltage shutdown
Overvoltage clamp
Load current limitation
Self limiting of fast thermal transients
Configurable latch-off on
overtemperature or power limitation
with dedicated fault reset pin
Loss of ground and loss of VCC
Reverse battery with external
components
Electrostatic discharge protection
Applications
All types of automotive resistive, inductive
and capacitive loads
Specially intended for automotive signal
lamps (up to R10W or LED Rear
Combinations)
Description
The devices are single channel high-side drivers
manufactured using ST proprietary VIPower®
M0-7 technology and housed in PowerSSO-16
and SO-8 packages. The devices are designed to
drive 12 V automotive grounded loads through a
3 V and 5 V CMOS-compatible interface, and to
provide protection and diagnostics.
The devices integrate advanced protective
functions such as load current limitation, overload
active management by power limitation and
overtemperature shutdown with configurable
latch-off.
A FaultRST
pin unlatches the output in case of
fault or disables the latch-off functionality.
A dedicated multifunction multiplexed analog
output pin delivers sophisticated diagnostic
functions including high precision proportional
load current sense, supply voltage feedback and
chip temperature sense, in addition to the
detection of overload and short circuit to ground,
short to VCC and OFF-state open-load.
A sense enable pin allows OFF-state diagnosis to
be disabled during the module low-power mode
as well as external sense resistor sharing among
similar devices.


Similar Part No. - VN7140AS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7140AS STMICROELECTRONICS-VN7140AS Datasheet
2Mb / 45P
High-side driver with MultiSense analog feedback for automotive applications
04-Apr-2019
VN7140AS12 STMICROELECTRONICS-VN7140AS12 Datasheet
1Mb / 39P
High-side driver with Multisense analog feedback for automotive applications
07-Feb-2018
VN7140AS12TR STMICROELECTRONICS-VN7140AS12TR Datasheet
1Mb / 39P
High-side driver with Multisense analog feedback for automotive applications
07-Feb-2018
VN7140ASTR STMICROELECTRONICS-VN7140ASTR Datasheet
2Mb / 45P
High-side driver with MultiSense analog feedback for automotive applications
04-Apr-2019
More results

Similar Description - VN7140AS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7010AJ STMICROELECTRONICS-VN7010AJ Datasheet
1Mb / 45P
High-side driver with MultiSense analog feedback for automotive applications
19-May-2015
VNQ7140AJ-E STMICROELECTRONICS-VNQ7140AJ-E Datasheet
1Mb / 48P
Quad channel high-side driver with MultiSense analog feedback for automotive applications
22-Oct-2014
VN7020AJ STMICROELECTRONICS-VN7020AJ Datasheet
7Mb / 46P
High-side driver with MultiSense analog feedback for automotive applications
02-Oct-2016
VN7040AJ STMICROELECTRONICS-VN7040AJ Datasheet
8Mb / 55P
High-side driver with MultiSense analog feedback for automotive applications
02-Oct-2016
VN7050AJ STMICROELECTRONICS-VN7050AJ Datasheet
8Mb / 55P
High-side driver with MultiSense analog feedback for automotive applications
02-Oct-2016
VND7012AY STMICROELECTRONICS-VND7012AY Datasheet
2Mb / 45P
Double channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 4
VND7020AJ-E STMICROELECTRONICS-VND7020AJ-E Datasheet
1Mb / 48P
Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 10
VND7040AJ-E STMICROELECTRONICS-VND7040AJ-E Datasheet
1,009Kb / 48P
Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 9
VNQ7040AY-E STMICROELECTRONICS-VNQ7040AY-E Datasheet
1Mb / 55P
Quad channel high-side driver with MultiSense analog feedback for automotive applications
30-Sep-2014
VN7000AY STMICROELECTRONICS-VN7000AY Datasheet
3Mb / 48P
High-side driver with MultiSense analog feedback for automotive applications
01-Aug-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com