Electronic Components Datasheet Search
  English  ▼

X  

VN7140AS Datasheet(PDF) 26 Page - STMicroelectronics

Part # VN7140AS
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140AS Datasheet(HTML) 26 Page - STMicroelectronics

Back Button VN7140AS Datasheet HTML 22Page - STMicroelectronics VN7140AS Datasheet HTML 23Page - STMicroelectronics VN7140AS Datasheet HTML 24Page - STMicroelectronics VN7140AS Datasheet HTML 25Page - STMicroelectronics VN7140AS Datasheet HTML 26Page - STMicroelectronics VN7140AS Datasheet HTML 27Page - STMicroelectronics VN7140AS Datasheet HTML 28Page - STMicroelectronics VN7140AS Datasheet HTML 29Page - STMicroelectronics VN7140AS Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
Electrical specification
VN7140AJ, VN7140AS
26/55
DocID027401 Rev 3
Figure 23: FaultRST Input clamp voltage
Figure 24: Undervoltage shutdown
Figure 25: On-state resistance vs. Tcase
Figure 26: On-state resistance vs. VCC
Figure 27: Turn-on voltage slope
Figure 28: Turn-off voltage slope
GAPGCFT01229
-1
0
1
2
3
4
5
6
7
8
-50
-25
0
25
50
75
100
125
150
175
T [°C]
VFRCL [V]
Iin = 1mA
Iin = -1mA
0
1
2
3
4
5
6
7
8
-50
-25
0
25
50
75
100
125
150
175
T [°C]
VUSD [V]
GAPGCFT01230
GAPGCFT01231
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
-50
-25
0
25
50
75
100
125
150
175
T [°C]
Ron [mOhm]
Iout = 1A
Vcc = 13V
GAPGCFT01232
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
0
5
10
15
20
25
30
35
40
Vcc [V]
Ron [mOhm]
T = -40 °C
T = 25 °C
T = 125 °C
T = 150 °C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
175
T [°C]
(dVout/dt)On [V/µs]
Vcc = 13V
Rl = 13
Ω
GAPGCFT01233
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
175
T [°C]
(dVout/dt)Off [V/ µs]
Vcc = 13V
Rl = 13
Ω
GAPGCFT01234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com