Electronic Components Datasheet Search
  English  ▼

X  

VN7140AS Datasheet(PDF) 15 Page - STMicroelectronics

Part # VN7140AS
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140AS Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VN7140AS Datasheet HTML 11Page - STMicroelectronics VN7140AS Datasheet HTML 12Page - STMicroelectronics VN7140AS Datasheet HTML 13Page - STMicroelectronics VN7140AS Datasheet HTML 14Page - STMicroelectronics VN7140AS Datasheet HTML 15Page - STMicroelectronics VN7140AS Datasheet HTML 16Page - STMicroelectronics VN7140AS Datasheet HTML 17Page - STMicroelectronics VN7140AS Datasheet HTML 18Page - STMicroelectronics VN7140AS Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
VN7140AJ, VN7140AS
Electrical specification
DocID027401 Rev 3
15/55
7 V < VCC < 18 V; -40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOUT_MSD(1)
Output voltage for
MultiSense
shutdown
VIN = 5 V; VSEn = 5 V;
VSEL0 = 0 V; VSEL1 = 0 V;
RSENSE = 2.7
kΩ; IOUT = 1 A
5
V
VSENSE_SAT
Multisense
saturation voltage
VCC = 7 V; RSENSE = 2.7
kΩ;
VSEn = 5 V; VIN = 5 V;
VSEL0 = 0 V; VSEL1 = 0 V;
IOUT = 2 A; Tj = 150°C
5
V
ISENSE_SAT(1)
CS saturation
current
VCC = 7 V; VSENSE = 4 V;
VIN = 5 V; VSEn = 5 V;
VSEL0 = 0 V; VSEL1 = 0 V;
Tj = 150°C
4
mA
IOUT_SAT(1)
Output saturation
current
VCC = 7 V; VSENSE = 4 V;
VIN = 5 V; VSEn = 5 V;
VSEL0 = 0 V; VSEL1 = 0 V;
Tj = 150°C
2.2
A
OFF-state diagnostic
VOL
OFF-state open-
load voltage
detection threshold
VIN = 0 V; VSEn = 5 V;
VSEL0 = 0 V; VSEL1 = 0 V
2
3
4
V
IL(off2)
OFF-state output
sink current
VIN = 0 V; VOUT = VOL; Tj = -
40 °C to 150°C
-100
-15
µA
tDSTKON
OFF-state
diagnostic delay
time from falling
edge of INPUT
(see Figure 9:
"TDSTKON")
VIN = 5 V to 0 V; VSEn = 5 V;
VSEL0 = 0 V; VSEL1 = 0 V;
IOUT = 0 A; VOUT = 4 V
100
350
700
µs
tD_OL_V
Settling time for
valid OFF-state
open load
diagnostic
indication from
rising edge of SEn
VIN = 0 V; VFR = 0 V;
VSEL0 = 0 V; VSEL1 = 0 V;
VOUT = 4 V; VSEn = 0 V to
5 V
60
µs
tD_VOL
OFF-state
diagnostic delay
time from rising
edge of VOUT
VIN = 0 V; VSEn = 5 V;
VSEL0 = 0 V; VSEL1 = 0 V;
VOUT = 0 V to 4 V
5
30
µs
Chip temperature analog feedback (VN7140AJ only)
VSENSE_TC
MultiSense output
voltage
proportional to chip
temperature
VSEn = 5 V; VSEL0 = 0 V;
VSEL1 = 5 V; VIN = 0 V;
RSENSE = 1
kΩ; Tj = -40°C
2.325
2.41
2.495
V
VSEn = 5 V; VSEL0 = 0 V;
VSEL1 = 5 V; VIN = 0 V;
RSENSE = 1
kΩ; Tj = 25°C
1.985
2.07
2.155
V
VSEn = 5 V; VSEL0 = 0 V;
VSEL1 = 5 V; VIN = 0 V;
RSENSE = 1
kΩ; Tj = 125°C
1.435
1.52
1.605
V
dVSENSE_TC/dT(1)
Temperature
coefficient
Tj = -40°C to 150°C
-5.5
mV/K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com