Electronic Components Datasheet Search
  English  ▼

X  

VN7140AS Datasheet(PDF) 11 Page - STMicroelectronics

Part # VN7140AS
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140AS Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VN7140AS Datasheet HTML 7Page - STMicroelectronics VN7140AS Datasheet HTML 8Page - STMicroelectronics VN7140AS Datasheet HTML 9Page - STMicroelectronics VN7140AS Datasheet HTML 10Page - STMicroelectronics VN7140AS Datasheet HTML 11Page - STMicroelectronics VN7140AS Datasheet HTML 12Page - STMicroelectronics VN7140AS Datasheet HTML 13Page - STMicroelectronics VN7140AS Datasheet HTML 14Page - STMicroelectronics VN7140AS Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
VN7140AJ, VN7140AS
Electrical specification
DocID027401 Rev 3
11/55
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VUSDhyst
Undervoltage
shutdown hysteresis
0.3
V
RON
On-state resistance
IOUT = 1 A; Tj = 25°C
140
mΩ
IOUT = 1 A; Tj = 150°C
280
IOUT = 1 A; VCC = 4 V; Tj = 25°C
210
Vclamp
Clamp voltage
IS = 20 mA; 25°C < Tj < 150°C
41
46
52
V
IS = 20 mA; Tj = -40°C
38
V
ISTBY
Supply current in
standby at VCC = 13 V
(1)
VCC = 13 V;
VIN = VOUT = VFR = VSEn = 0 V;
VSEL0,1 = 0 V; Tj = 25°C
0.5
µA
VCC = 13 V;
VIN = VOUT = VFR = VSEn = 0 V;
VSEL0,1 = 0 V; Tj = 85°C (2)
0.5
VCC = 13 V;
VIN = VOUT = VFR = VSEn = 0 V;
VSEL0,1 = 0 V; Tj = 125°C
3
tD_STBY
Standby mode
blanking time
VCC = 13 V; VIN = VOUT
= VFR = VSEL0,1 = 0 V;
VSEn = 5 V to 5 V
60
300
550
µs
IS(ON)
Supply current
VCC = 13 V; VSEn = 0 V;
VSEL0,1 = VFR = 0 V; VIN = 5 V;
IOUT = 0 A
3
5
mA
IGND(ON)
Control stage current
consumption in ON-
state. All channels
active.
VCC = 13 V; VSEn = 5 V;
VFR = VSEL0,1 = 0 V; VIN = 5 V;
IOUT = 1 A
6
mA
IL(off)
Off-state output
current at VCC = 13 V
VIN = VOUT = 0 V; VCC = 13 V;
Tj = 25°C
0
0.01
0.5
µA
VIN = VOUT = 0 V; VCC = 13 V;
Tj = 125°C
0
3
VF
Output - VCC diode
voltage
IOUT = -1 A; Tj = 150°C
0.7
V
Notes:
(1)PowerMOS leakage included.
(2)Parameter specified by design; not subjected to production test.
Table 6: Switching
VCC = 13 V; -40°C < Tj < 150°C, unless otherwise specified
Symbol
Parameter
Test
conditions
Min.
Typ.
Max.
Unit
td(on)(1)
Turn-on delay time at Tj = 25 °C
RL =
13 Ω
10
70
120
µs
td(off)(1)
Turn-off delay time at Tj = 25 °C
10
40
100
(dVOUT/dt)on(1)
Turn-on voltage slope at Tj = 25 °C
RL =
13 Ω
0.1
0.27
0.7
V/µs
(dVOUT/dt)off(1)
Turn-off voltage slope at Tj = 25 °C
0.1
0.35
0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com