Electronic Components Datasheet Search
  English  ▼

X  

VN7140AS Datasheet(PDF) 17 Page - STMicroelectronics

Part # VN7140AS
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140AS Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VN7140AS Datasheet HTML 13Page - STMicroelectronics VN7140AS Datasheet HTML 14Page - STMicroelectronics VN7140AS Datasheet HTML 15Page - STMicroelectronics VN7140AS Datasheet HTML 16Page - STMicroelectronics VN7140AS Datasheet HTML 17Page - STMicroelectronics VN7140AS Datasheet HTML 18Page - STMicroelectronics VN7140AS Datasheet HTML 19Page - STMicroelectronics VN7140AS Datasheet HTML 20Page - STMicroelectronics VN7140AS Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
VN7140AJ, VN7140AS
Electrical specification
DocID027401 Rev 3
17/55
7 V < VCC < 18 V; -40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
MultiSense timings (VCC voltage sense mode - see Figure 8: "Multisense timings (chip
temperature and VCC sense mode) (VN7140AJ only)") (VN7140AJ only)(4)
tDSENSE4H
VSENSE_VCC settling
time from rising
edge of SEn
VSEn = 0 V to 5 V;
VSEL0 = 5 V; VSEL1 = 5 V;
RSENSE = 1
kΩ
60
µs
tDSENSE4L
VSENSE_VCC disable
delay time from
falling edge of SEn
VSEn = 5 V to 0 V;
VSEL0 = 5 V; VSEL1 = 5 V;
RSENSE = 1
kΩ
20
µs
MultiSense timings (Multiplexer transition times) (VN7140AJ only)(4)
tD_CStoTC
MultiSense
transition delay
from current sense
to TC sense
VIN = 5 V; VSEn = 5 V;
VSEL0 = 0 V; VSEL1 = 0 V to
5 V; IOUT = 0.5 A;
RSENSE = 1
kΩ
60
µs
tD_TCtoCS
MultiSense
transition delay
from TC sense to
current sense
VIN = 5 V; VSEn = 5 V;
VSEL0 = 0 V; VSEL1 = 5 V to
0 V; IOUT = 0.5 A;
RSENSE = 1
kΩ
20
µs
tD_CStoVCC
MultiSense
transition delay
from current sense
to VCC sense
VIN = 5 V; VSEn = 5 V;
VSEL0 = 5 V; VSEL1 = 0 V to
5 V; IOUT = 0.5 A;
RSENSE = 1
kΩ
60
µs
tD_VCCtoCS
MultiSense
transition delay
from VCC sense to
current sense
VIN = 5 V; VSEn = 5 V;
VSEL0 = 5 V; VSEL1 = 5 V to
0 V; IOUT = 0.5 A;
RSENSE = 1 k
Ω
20
µs
tD_TCtoVCC
MultiSense
transition delay
from TC sense to
VCC sense
VCC = 13 V; Tj = 125°C;
VSEn = 5 V; VSEL0 = 0 V to
5 V; VSEL1 = 5 V;
RSENSE = 1
kΩ
20
µs
tD_VCCtoTC
MultiSense
transition delay
from VCC sense to
TC sense
VCC = 13 V; Tj = 125°C;
VSEn = 5 V; VSEL0 = 5 V to
0 V; VSEL1 = 5 V;
RSENSE = 1
kΩ
20
µs
Notes:
(1)Parameter specified by design; not subjected to production test.
(2)All values refer to VCC = 13 V; Tj = 25°C, unless otherwise specified.
(3)VCC sensing and TC are referred to GND potential.
(4)Transition delays are measured up to +/- 10% of final conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com