Electronic Components Datasheet Search
  English  ▼

X  

VN7140AS Datasheet(PDF) 14 Page - STMicroelectronics

Part # VN7140AS
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140AS Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VN7140AS Datasheet HTML 10Page - STMicroelectronics VN7140AS Datasheet HTML 11Page - STMicroelectronics VN7140AS Datasheet HTML 12Page - STMicroelectronics VN7140AS Datasheet HTML 13Page - STMicroelectronics VN7140AS Datasheet HTML 14Page - STMicroelectronics VN7140AS Datasheet HTML 15Page - STMicroelectronics VN7140AS Datasheet HTML 16Page - STMicroelectronics VN7140AS Datasheet HTML 17Page - STMicroelectronics VN7140AS Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
Electrical specification
VN7140AJ, VN7140AS
14/55
DocID027401 Rev 3
Table 9: MultiSense
7 V < VCC < 18 V; -40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSENSE_CL
MultiSense clamp
voltage
VSEn = 0 V; ISENSE = 1 mA
-17
-12
V
VSEn = 0 V; ISENSE = -1 mA
7
CurrentSense characteristics
KOL
IOUT/ISENSE
IOUT = 0.01 A;
VSENSE = 0.5 V; VSEn = 5 V
295
dKcal/Kcal(1)(2)
Current sense ratio
drift at calibration
point
IOUT = 0.01 A to 0.025 A;
Ical = 17.5 mA;
VSENSE = 0.5 V; VSEn = 5 V
-30
30
%
KLED
IOUT/ISENSE
IOUT = 0.025 A;
VSENSE = 0.5 V; VSEn = 5 V
330
580
820
dKLED/KLED(1)(2)
Current sense ratio
drift
IOUT = 0.025 A;
VSENSE = 0.5 V; VSEn = 5 V
-25
25
%
K0
IOUT/ISENSE
IOUT = 0.07 A;
VSENSE = 0.5 V; VSEn = 5 V
375
550
720
dK0/K0(1)(2)
Current sense ratio
drift
IOUT = 0.07 A; VSENSE = 0.5
V; VSEn = 5 V
-20
20
%
K1
IOUT/ISENSE
IOUT = 0.15 A; VSENSE = 4 V;
VSEn = 5 V
360
500
670
dK1/K1(1)(2)
Current sense ratio
drift
IOUT = 0.15 A; VSENSE = 4 V;
VSEn = 5 V
-15
15
%
K2
IOUT/ISENSE
IOUT = 0.7 A; VSENSE = 4 V;
VSEn = 5 V
380
475
570
dK2/K2(1)(2)
Current sense ratio
drift
IOUT = 0.7 A; VSENSE = 4 V;
VSEn = 5 V
-10
10
%
K3
IOUT/ISENSE
IOUT = 2 A; VSENSE = 4 V;
VSEn = 5 V
430
470
520
dK3/K3(1)(2)
Current sense ratio
drift
IOUT = 2 A; VSENSE = 4 V;
VSEn = 5 V
-5
5
%
ISENSE0
MultiSense
leakage current
MultiSense disabled:
VSEn = 0 V
0
0.5
µA
MultiSense disabled:
-1 V < VSENSE < 5 V(1)
-0.5
0.5
MultiSense enabled:
VSEn = 5 V; Channel ON;
IOUT = 0 A; Diagnostic
selected; VIN = 5 V;
VSEL0 = 0 V; VSEL1 = 0 V;
IOUT = 0 A
0
2
MultiSense enabled:
VSEn = 5 V; Channel OFF;
Diagnostic selected:
VIN = 0 V; VSEL0 = 0 V;
VSEL1 = 0 V
0
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com