Electronic Components Datasheet Search
  English  ▼

X  

LAN9116 Datasheet(PDF) 48 Page - Microchip Technology

Part # LAN9116
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9116 Datasheet(HTML) 48 Page - Microchip Technology

Back Button LAN9116 Datasheet HTML 44Page - Microchip Technology LAN9116 Datasheet HTML 45Page - Microchip Technology LAN9116 Datasheet HTML 46Page - Microchip Technology LAN9116 Datasheet HTML 47Page - Microchip Technology LAN9116 Datasheet HTML 48Page - Microchip Technology LAN9116 Datasheet HTML 49Page - Microchip Technology LAN9116 Datasheet HTML 50Page - Microchip Technology LAN9116 Datasheet HTML 51Page - Microchip Technology LAN9116 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 109 page
background image
LAN9116
DS00002268A-page 48
 2005-2016 Microchip Technology Inc.
4.2.3
NRZI AND MLT3 ENCODING
The scrambler block passes the 5-bit wide parallel data to the NRZI converter where it becomes a serial 125MHz NRZI
data stream. The NRZI is encoded to MLT-3. MLT3 is a tri-level code where a change in the logic level represents a code
bit “1” and the logic output remaining at the same level represents a code bit “0”.
4.2.4
100M TRANSMIT DRIVER
The MLT3 data is then passed to the analog transmitter, which launches the differential MLT-3 signal, on outputs TXP
and TXN, to the twisted pair media via a 1:1 ratio isolation transformer. The 10Base-T and 100Base-TX signals pass
through the same transformer so that common “magnetics” can be used for both. The transmitter drives into the 100
impedance of the CAT-5 cable. Cable termination and impedance matching require external components.
4.2.5
100M PHASE LOCK LOOP (PLL)
The 100M PLL locks onto reference clock and generates the 125MHz clock used to drive the 125 MHz logic and the
100Base-Tx Transmitter.
4.3
100Base-TX Receive
The receive data path is shown in Figure 4-2. Detailed descriptions are given below.
4.3.1
100M RECEIVE INPUT
The MLT-3 from the cable is fed into the PHY (on inputs RXP and RXN) via a 1:1 ratio transformer. The ADC samples
the incoming differential signal at a rate of 125M samples per second. Using a 64-level quanitizer it generates 6 digital
bits to represent each sample. The DSP adjusts the gain of the ADC according to the observed signal levels such that
the full dynamic range of the ADC can be used.
FIGURE 4-2:
RECEIVE DATA PATH
MAC
A/D
Converter
MLT-3
Converter
NRZI
Converter
4B/5B
Decoder
Magnetics
CAT-5
RJ45
100M
PLL
Internal
MII 25MHz by 4 bits
RX_CLK
25MHz by
5 bits
NRZI
MLT-3
MLT-3
MLT-3
6 bit Data
Descrambler
and SIPO
125 Mbps Serial
DSP: Timing
recovery, Equalizer
and BLW Correction
MLT-3
MII
25MHz
by 4 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com