Electronic Components Datasheet Search
  English  ▼

X  

LAN9116 Datasheet(PDF) 95 Page - Microchip Technology

Part # LAN9116
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9116 Datasheet(HTML) 95 Page - Microchip Technology

Back Button LAN9116 Datasheet HTML 91Page - Microchip Technology LAN9116 Datasheet HTML 92Page - Microchip Technology LAN9116 Datasheet HTML 93Page - Microchip Technology LAN9116 Datasheet HTML 94Page - Microchip Technology LAN9116 Datasheet HTML 95Page - Microchip Technology LAN9116 Datasheet HTML 96Page - Microchip Technology LAN9116 Datasheet HTML 97Page - Microchip Technology LAN9116 Datasheet HTML 98Page - Microchip Technology LAN9116 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 109 page
background image
 2005-2016 Microchip Technology Inc.
DS00002268A-page 95
LAN9116
6.5
RX Data FIFO Direct PIO Burst Reads
In this mode the upper address inputs are not decoded, and any burst read of the LAN9116 will read the RX Data FIFO.
This mode is enabled when FIFO_SEL is driven high during a read access. This is normally accomplished by connecting
the FIFO_SEL signal to a high-order address line. This mode is useful when the host processor must increment its
address when accessing the LAN9116. Timing is identical to a PIO Burst Read, and the FIFO_SEL signal has the same
timing characteristics as the address lines. In this mode, performance is improved by allowing an unlimited number of
back-to-back DWORD or WORD read cycles. RX Data FIFO Direct PIO Burst Reads can be performed using Chip
Select (nCS) or Read Enable (nRD). When either or both of these control signals go high, they must remain high for the
period specified.
Timing for 16-bit and 32-bit RX Data FIFO Direct PIO Burst Reads is identical with the exception that D[31:16] are not
driven during a 16-bit burst. Note that address lines A[2:1] are still used, and address bits A[7:3] are ignored.
FIGURE 6-4:
RX DATA FIFO DIRECT PIO BURST READ CYCLE TIMING
Note:
The “Data Bus” width is 32 bits with optional support for 16-bit bus widths.
FIGURE 6-5:
RX DATA FIFO DIRECT PIO BURST READ CYCLE TIMING
Symbol
Description
MIN
TYP
MAX
Units
tcsh
nCS, nRD Deassertion Time
13
ns
tcsdv
nCS, nRD Valid to Data Valid
30
ns
tacyc
Address Cycle Time
165
tasu
Address, FIFO_SEL Setup to nCS, nRD Valid
0
ns
tadv
Address Stable to Data Valid
40
tah
Address, FIFO_SEL Hold Time
0
ns
tdon
Data Buffer Turn On Time
0
ns
tdoff
Data Buffer Turn Off Time
7
ns
tdoh
Data Output Hold Time
0
ns
Note:
An RX Data FIFO Direct PIO Burst Read cycle begins when both nCS and nRD are asserted. The cycle
ends when either or both nCS and nRD are deasserted. They may be asserted and deasserted in any
order.
Data Bus
nCS, nRD
FIFO_SEL
A[2:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com