Electronic Components Datasheet Search
  English  ▼

X  

LAN9116 Datasheet(PDF) 92 Page - Microchip Technology

Part # LAN9116
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9116 Datasheet(HTML) 92 Page - Microchip Technology

Back Button LAN9116 Datasheet HTML 88Page - Microchip Technology LAN9116 Datasheet HTML 89Page - Microchip Technology LAN9116 Datasheet HTML 90Page - Microchip Technology LAN9116 Datasheet HTML 91Page - Microchip Technology LAN9116 Datasheet HTML 92Page - Microchip Technology LAN9116 Datasheet HTML 93Page - Microchip Technology LAN9116 Datasheet HTML 94Page - Microchip Technology LAN9116 Datasheet HTML 95Page - Microchip Technology LAN9116 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 109 page
background image
LAN9116
DS00002268A-page 92
 2005-2016 Microchip Technology Inc.
6.2
PIO Reads
PIO reads can be used to access CSRs or RX Data and RX/TX status FIFOs. In this mode, counters in the CSRs are
latched at the beginning of the read cycle. Read data is valid as indicated in the timing diagram. PIO reads can be per-
formed using Chip Select (nCS) or Read Enable (nRD). Either or both of these control signals must go high between
cycles for the period specified.
PIO reads are supported for both 16- and 32-bit access. Timing for 16-bit and 32-bit PIO Read cycles is identical with
the exception that D[31:16] are not driven during a 16-bit read.
Note:
Some registers have restrictions on the timing of back-to-back, write-read and read-read cycles.
FIGURE 6-1:
LAN9116 PIO READ CYCLE TIMING
Note:
The “Data Bus” width is 32 bits with optional support for 16-bit bus widths
TABLE 6-3:
PIO READ TIMING
Symbol
Description
MIN
TYP
MAX
Units
tcycle
Read Cycle Time
165
ns
tcsl
nCS, nRD Assertion Time
32
ns
tcsh
nCS, nRD Deassertion Time
13
ns
tcsdv
nCS, nRD Valid to Data Valid
30
ns
tasu
Address Setup to nCS, nRD Valid
0
ns
tah
Address Hold Time
0
ns
tdon
Data Buffer Turn On Time
0
ns
tdoff
Data Buffer Turn Off Time
7
ns
tdoh
Data Output Hold Time
0
ns
Note:
A PIO Read cycle begins when both nCS and nRD are asserted. The cycle ends when either or both nCS
and nRD are deasserted. They may be asserted and deasserted in any order.
Data Bus
nCS, nRD
A[7:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com