Electronic Components Datasheet Search
  English  ▼

X  

LAN9116 Datasheet(PDF) 91 Page - Microchip Technology

Part # LAN9116
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9116 Datasheet(HTML) 91 Page - Microchip Technology

Back Button LAN9116 Datasheet HTML 87Page - Microchip Technology LAN9116 Datasheet HTML 88Page - Microchip Technology LAN9116 Datasheet HTML 89Page - Microchip Technology LAN9116 Datasheet HTML 90Page - Microchip Technology LAN9116 Datasheet HTML 91Page - Microchip Technology LAN9116 Datasheet HTML 92Page - Microchip Technology LAN9116 Datasheet HTML 93Page - Microchip Technology LAN9116 Datasheet HTML 94Page - Microchip Technology LAN9116 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 109 page
background image
 2005-2016 Microchip Technology Inc.
DS00002268A-page 91
LAN9116
6.1.2
SPECIAL RESTRICTIONS ON BACK-TO-BACK READ CYCLES
There are also restrictions on specific back-to-back read operations. These restrictions concern reading specific regis-
ters after reading resources that have side effects. In many cases there is a delay between reading the LAN9116, and
the subsequent indication of the expected change in the control register values.
In order to prevent the host from reading stale data on back-to-back reads, minimum wait periods have been estab-
lished. These periods are specified in Table 6-2, "Read After Read Timing Rules". The host processor is required to wait
the specified period of time between read operations of specific combinations of resources. The wait period is depen-
dent upon the combination of registers being read.
Performing "dummy" reads of the BYTE_TEST register is a convenient way to ensure that the minimum wait time restric-
tion is met. Table 6-2 also shows the number of dummy reads that are required for back-to-back read operations. The
number of BYTE_TEST reads in this table is based on the minimum timing for Tcycle (165ns). For microprocessors with
slower busses the number of reads may be reduced as long as the total time is equal to, or greater than the time spec-
ified in the table. Dummy reads of the BYTE_TEST register are not required as long as the minimum time period is met.
Note 6-1
This restriction is only applicable after a fast-forward operation has been completed and the
RX_FFWD bit has been cleared. Refer to Section 3.13.1.1, "Receive Data FIFO Fast Forward," on
page 43 for more information.
PMT_CTRL
330
2
GPIO_CFG
165
1
GPT_CFG
165
1
GPT_CNT
165
1
WORD_SWAP
165
1
FREE_RUN
330
2
RX_DROP
0
0
MAC_CSR_CMD
165
1
MAC_CSR_DATA
165
1
AFC_CFG
165
1
E2P_CMD
165
1
E2P_DATA
165
1
TABLE 6-2:
READ AFTER READ TIMING RULES
After Reading...
Wait for this Many ns…
or Perform this Many Reads of
BYTE_TEST…
(Assuming Tcyc of 165ns)
Before Reading...
RX Data FIFO
165
1
RX_FIFO_INF
RX Status FIFO
165
1
RX_FIFO_INF
TX Status FIFO
165
1
TX_FIFO_INF
RX_DROP
330
2
RX_DROP
RX_DP_CTRL
330
2
TX Status FIFO
RX Status FIFO
Note 6-1
TABLE 6-1:
READ AFTER WRITE TIMING RULES (CONTINUED)
Register Name
Minimum Wait Time for Read Following
Any Write Cycle
(in ns)
Number of BYTE_TEST Reads
(Assuming Tcycle of 165ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com