Electronic Components Datasheet Search
  English  ▼

X  

LAN9116 Datasheet(PDF) 1 Page - Microchip Technology

Part # LAN9116
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9116 Datasheet(HTML) 1 Page - Microchip Technology

  LAN9116 Datasheet HTML 1Page - Microchip Technology LAN9116 Datasheet HTML 2Page - Microchip Technology LAN9116 Datasheet HTML 3Page - Microchip Technology LAN9116 Datasheet HTML 4Page - Microchip Technology LAN9116 Datasheet HTML 5Page - Microchip Technology LAN9116 Datasheet HTML 6Page - Microchip Technology LAN9116 Datasheet HTML 7Page - Microchip Technology LAN9116 Datasheet HTML 8Page - Microchip Technology LAN9116 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 109 page
background image
 2005-2016 Microchip Technology Inc.
DS00002268A-page 1
Highlights
• Member of LAN9118 Family; optimized for
medium-high performance applications
• Easily interfaces to most 32-bit and 16-bit embed-
ded CPU’s
• Efficient architecture with low CPU overhead
• Integrated PHY
• Supports audio & video streaming over Ethernet:
1-2 high-definition (HD) MPEG2 streams
• Medium-high speed member of LAN9118 Family
(all members are pin-compatible)
Target Applications
• Medium-range Cable, satellite, and IP set-top
boxes
• Digital video recorders and DVD recorders/play-
ers
• High definition televisions
• Digital media clients/servers and home gateways
• Video-over IP Solutions, IP PBX & video phones
• Wireless routers & access points
Key Benefits
• Non-PCI Ethernet controller for medium-high per-
formance applications
- 32-bit interface
- Burst-mode read support
• Eliminates dropped packets
- Internal buffer memory can store over 200
packets
- Supports automatic or host-triggered PAUSE
and back-pressure flow control
• Minimizes CPU overhead
- Supports Slave-DMA
- Interrupt Pin with Programmable Hold-off
timer
• Reduces system cost and increases design flexi-
bility
- SRAM-like interface easily interfaces to most
embedded CPU’s or SoC’s
- Low-cost, low--pin count non-PCI interface
for embedded designs
• Reduced Power Modes
- Numerous power management modes
- Wake on LAN*
- Magic packet wakeup*
- Wakeup indicator event signal
- Link Status Change
• Single chip Ethernet controller
- Fully compliant with IEEE 802.3/802.3u stan-
dards
- Integrated Ethernet MAC and PHY
- 10BASE-T and 100BASE-TX support
- Full- and Half-duplex support
- Full-duplex flow control
- Backpressure for half-duplex flow control
- Preamble generation and removal
- Automatic 32-bit CRC generation and check-
ing
- Automatic payload padding and pad removal
- Loop-back modes
• Flexible address filtering modes
- One 48-bit perfect address
- 64 hash-filtered multicast addresses
- Pass all multicast
- Promiscuous mode
- Inverse filtering
- Pass all incoming with status report
- Disable reception of broadcast packets
• Integrated Ethernet PHY
- Auto-negotiation
- Automatic polarity detection and correction
• High-Performance host bus interface
- Simple, SRAM-like interface
- 32/16-bit data bus
- Large, 16Kbyte FIFO memory that can be
allocated to RX or TX functions
- One configurable host interrupt
• Miscellaneous features
- Low profile 100-pin, TQFP RoHS Compliant
package
- Integral 1.8V regulator
- General Purpose Timer
- Support for optional EEPROM
- Support for 3 status LEDs multiplexed with
Programmable GPIO signals
• 3.3V Power Supply with 5V tolerant I/O
• 0 to 70
C
* Third-party brands and names are the property of their
respective owners.
LAN9116
Highly Efficient Single-Chip 10/100 Non-PCI
Ethernet Controller


Similar Part No. - LAN9116

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9116 SMSC-LAN9116 Datasheet
1Mb / 126P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9116 SMSC-LAN9116 Datasheet
1Mb / 132P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9116-MD SMSC-LAN9116-MD Datasheet
1Mb / 126P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9116-MT SMSC-LAN9116-MT Datasheet
1Mb / 126P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9116-MT SMSC-LAN9116-MT Datasheet
1Mb / 132P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
More results

Similar Description - LAN9116

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9115 SMSC-LAN9115 Datasheet
219Kb / 7P
HIGHLY EFFICIENT SINGLE - CHIP 10/100 NON PCI ETHERNET CONTROLLER
LAN9118 SMSC-LAN9118_05 Datasheet
1Mb / 126P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9115 SMSC-LAN9115_05 Datasheet
1Mb / 131P
Highly Efficient Single- Chip 10/100 Non-PCI Ethernet Controller
LAN9116 SMSC-LAN9116 Datasheet
1Mb / 126P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9118 SMSC-LAN9118_07 Datasheet
1Mb / 129P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9118 MICROCHIP-LAN9118 Datasheet
1,015Kb / 109P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
LAN9115 MICROCHIP-LAN9115 Datasheet
1Mb / 114P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9116 SMSC-LAN9116_08 Datasheet
1Mb / 132P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9115 SMSC-LAN9115_08 Datasheet
1Mb / 136P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com