Electronic Components Datasheet Search
  English  ▼

X  

LAN9116 Datasheet(PDF) 83 Page - Microchip Technology

Part # LAN9116
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9116 Datasheet(HTML) 83 Page - Microchip Technology

Back Button LAN9116 Datasheet HTML 79Page - Microchip Technology LAN9116 Datasheet HTML 80Page - Microchip Technology LAN9116 Datasheet HTML 81Page - Microchip Technology LAN9116 Datasheet HTML 82Page - Microchip Technology LAN9116 Datasheet HTML 83Page - Microchip Technology LAN9116 Datasheet HTML 84Page - Microchip Technology LAN9116 Datasheet HTML 85Page - Microchip Technology LAN9116 Datasheet HTML 86Page - Microchip Technology LAN9116 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 109 page
background image
 2005-2016 Microchip Technology Inc.
DS00002268A-page 83
LAN9116
5.5
PHY Registers
The PHY registers are not memory mapped. These registers are accessed indirectly through the MAC via the MII_ACC
and MII_DATA registers. An index must be used to access individual PHY registers. PHY Register Indexes are shown
in Table 5-8, "LAN9116 PHY Control and Status Register"below.
5.5.1
BASIC CONTROL REGISTER
Note:
The NASR (Not Affected by Software Reset) designation is only applicable when bit 15 of the PHY Basic
Control Register (Reset) is set.
TABLE 5-8:
LAN9116 PHY CONTROL AND STATUS REGISTER
PHY Control and Status Registers
Index
(In Decimal)
Register Name
0
Basic Control Register
1
Basic Status Register
2
PHY Identifier 1
3
PHY Identifier 2
4
Auto-Negotiation Advertisement Register
5
Auto-Negotiation Link Partner Ability Register
6
Auto-Negotiation Expansion Register
17
Mode Control/Status Register
18
Special Modes Register
27
Special Control/Status Indications
29
Interrupt Source Register
30
Interrupt Mask Register
31
PHY Special Control/Status Register
Index (In Decimal):
0
Size:
16-bits
Bits
Description
Type
Default
15
Reset. 1 = software reset. Bit is self-clearing. For best results, when setting
this bit do not set other bits in this register.
RW/SC
0
14
Loopback. 1 = loopback mode, 0 = normal operation
RW
0
13
Speed Select. 1 = 100Mbps, 0 = 10Mbps. Ignored if Auto Negotiation is
enabled (0.12 = 1).
RW
See Note 5-1
12
Auto-Negotiation Enable. 1 = enable auto-negotiate process (overrides
0.13 and 0.8) 0 = disable auto-negotiate process.
RW
See Note 5-1
11
Power Down. 1 = General power down-mode, 0 = normal operation.
Note:
After this bit is cleared, the PHY may auto-negotiate with it's part-
ner station. This process may take a few seconds to complete.
Once auto-negotiation is complete, bit 5 of the PHY's Basic Status
Register will be set.
RW
0
10
Reserved
RO
0
9
Restart Auto-Negotiate. 1 = restart auto-negotiate process 0 = normal
operation. Bit is self-clearing.
RW/SC
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com