Electronic Components Datasheet Search
  English  ▼

X  

LAN9116 Datasheet(PDF) 101 Page - Microchip Technology

Part # LAN9116
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9116 Datasheet(HTML) 101 Page - Microchip Technology

Back Button LAN9116 Datasheet HTML 97Page - Microchip Technology LAN9116 Datasheet HTML 98Page - Microchip Technology LAN9116 Datasheet HTML 99Page - Microchip Technology LAN9116 Datasheet HTML 100Page - Microchip Technology LAN9116 Datasheet HTML 101Page - Microchip Technology LAN9116 Datasheet HTML 102Page - Microchip Technology LAN9116 Datasheet HTML 103Page - Microchip Technology LAN9116 Datasheet HTML 104Page - Microchip Technology LAN9116 Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 109 page
background image
 2005-2016 Microchip Technology Inc.
DS00002268A-page 101
LAN9116
Note 7-4
Each LED indicator in use adds approximately 4 mA to the Digital power supply.
Note 7-5
D0 = Normal Operation, D1 = WOL (Wake On LAN mode), D2= Low Power Energy Detect.
7.4
Power Consumption Device and System Components
This section describes typical power consumption values of a total Ethernet LAN connectivity solution, which includes
external components supporting the Microchip Ethernet controller. The values below should be used as comparison
measurements only for power provisioning.
Please refer to application note “AN 12-5 Designing with the LAN9118 - Getting Started”, that can be found on Micro-
chip’s web site www.microchip.com, which details the magnetics and other components used.
Power measurements taken under the following conditions:
Temperature: .......................................................................................................................................................... +25
 C
Device VDD: .........................................................................................................................................................+3.30 V
Note 7-6
Each LED indicator in use adds approximately 4 mA to the Digital power supply.
D1, 100BASE-T /w traffic
262
D1, Idle
262
D2, Energy Detect Power Down (Cable
disconnected)
35
D2, General Power Down
11
TABLE 7-2:
POWER CONSUMPTION DEVICE AND SYSTEM COMPONENTS
Mode
Total Power - Typical (mW)
10BASE-T Operation
D0, 10BASE-T /w traffic
614
D0, Idle
637
D1, 10BASE-T /w traffic
513
D1, Idle
513
D2, Energy Detect Power Down
56
D2, General Power Down
32
100BASE-TX Operation
D0, 100BASE-TX /w traffic
518
D0, Idle
576
D1, 100BASE-T /w traffic
414
D1, Idle
414
D2, Energy Detect Power Down
56
D2, General Power Down
32
TABLE 7-1:
POWER CONSUMPTION DEVICE ONLY (CONTINUED)
Mode
Total Power - Typical (mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com