Electronic Components Datasheet Search
  English  ▼

X  

MCP1642D Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1642D
Description  1.8A Input Current Switch, 1 MHz Low-Voltage Start-Up Synchronous Boost Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1642D Datasheet(HTML) 3 Page - Microchip Technology

  MCP1642D Datasheet HTML 1Page - Microchip Technology MCP1642D Datasheet HTML 2Page - Microchip Technology MCP1642D Datasheet HTML 3Page - Microchip Technology MCP1642D Datasheet HTML 4Page - Microchip Technology MCP1642D Datasheet HTML 5Page - Microchip Technology MCP1642D Datasheet HTML 6Page - Microchip Technology MCP1642D Datasheet HTML 7Page - Microchip Technology MCP1642D Datasheet HTML 8Page - Microchip Technology MCP1642D Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
 2014 Microchip Technology Inc.
DS20005253A-page 3
MCP1642B/D
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
EN, FB, VIN, VSW, VOUT – GND ..........................+6.5V
EN, FB ...... <maximum of VOUT or VIN >(GND – 0.3V)
Output Short-Circuit Current ...................... Continuous
Output Current Bypass Mode........................... 800 mA
Power Dissipation ............................ Internally Limited
Storage Temperature ..........................-65°C to +150°C
Ambient Temp. with Power Applied.......-40°C to +85°C
Operating Junction Temperature.........-40°C to +125°C
ESD Protection On All Pins:
HBM........................................................ 4 kV
MM......................................................... 300V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated
in
the
operational
sections
of
this
specification is not intended. Exposure to maximum
rating conditions for extended periods may affect
device reliability.
DC CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, VIN = 1.2V, COUT =CIN =10µF, L= 4.7 µH, VOUT =3.3V,
IOUT =15 mA, TA = +25°C, MCP1642B/D-ADJ. Boldface specifications apply over the TA range of -40
°C to +85°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Characteristics
Minimum Start-Up Voltage
VIN
—
0.65
0.8
V
Note 1
—
0.9
1.8
V
MCP1642B/D-50, Note 1
Minimum Input Voltage
After Start-Up
VIN
—0.35
—
V
Note 1, Note 5
—0.5
—
V
Note 1, Note 5, MCP1642B/D-50
Output Voltage Adjust.
Range
(MCP1642B/D-ADJ)
VOUT
1.8
—
5.5
VVOUT  VIN (MCP1642B/D-ADJ);
Note 2
Output Voltage
(MCP1642B/D-XX)
VOUT
—1.8
—
V
VIN < 1.8V, MCP1642B/D-18,
Note 2
—3.0
—
V
VIN < 3.0V, MCP1642B/D-30,
Note 2
—3.3
—
V
VIN < 3.3V, MCP1642B/D-33,
Note 2
—5.0
—
V
VIN < 5.0V, MCP1642B/D-50,
Note 2
Maximum Output Current
IOUT
—175
—
mA
1.2V VIN, 1.8V VOUT, Note 5
—300
—
mA
1.5V VIN, 3.3V VOUT, Note 5
—800
—
mA
3.3V VIN, 5.0V VOUT, Note 5
Feedback Voltage
VFB
1.173
1.21
1.247
V
Feedback Input
Bias Current
IVFB
—1.0
—
nA
Note 5
Note 1:
Resistive load, 1 mA.
2:
For VIN >VOUT, VOUT will not remain in regulation.
3:
IQPWM is measured from VOUT; VOUT is externally supplied with a voltage higher than the nominal 3.3V
output (device is not switching), no load. VIN quiescent current will vary with boost ratio. VIN quiescent
current can be estimated by: (IQPWM *(VOUT/VIN)).
4:
220
 resistive load, 3.3V V
OUT (15 mA).
5:
Determined by characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com