Electronic Components Datasheet Search
  English  ▼

X  

MCP1642D Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1642D
Description  1.8A Input Current Switch, 1 MHz Low-Voltage Start-Up Synchronous Boost Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1642D Datasheet(HTML) 1 Page - Microchip Technology

  MCP1642D Datasheet HTML 1Page - Microchip Technology MCP1642D Datasheet HTML 2Page - Microchip Technology MCP1642D Datasheet HTML 3Page - Microchip Technology MCP1642D Datasheet HTML 4Page - Microchip Technology MCP1642D Datasheet HTML 5Page - Microchip Technology MCP1642D Datasheet HTML 6Page - Microchip Technology MCP1642D Datasheet HTML 7Page - Microchip Technology MCP1642D Datasheet HTML 8Page - Microchip Technology MCP1642D Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2014 Microchip Technology Inc.
DS20005253A-page 1
MCP1642B/D
Features
• Up to 96% Typical Efficiency
• 1.8A Typical Peak Input Current Limit:
-IOUT > 175 mA @ 1.2V VIN, 3.3V VOUT
-IOUT > 600 mA @ 2.4V VIN, 3.3V VOUT
-IOUT > 800 mA @ 3.3V VIN, 5.0V VOUT
-IOUT > 1A @ VIN > 3.6V, 5.0V VOUT
• Low Start-Up Voltage: 0.65V, typical 3.3V VOUT
@ 1 mA
• Low Operating Input Voltage: 0.35V, typical 3.3V
VOUT @ 1 mA
• Output Voltage Range:
- Reference Voltage, VFB =1.21V
- 1.8V to 5.5V for the adjustable device option
- 1.8V, 3.0V, 3.3V and 5.0V for fixed VOUT
options
• Maximum Input Voltage
 V
OUT <5.5V
• PWM Operation: 1 MHz
- Low Noise, Anti-Ringing Control
• Power Good Open-Drain Output
• Internal Synchronous Rectifier
• Internal Compensation
• Inrush Current Limiting and Internal Soft-Start
• Selectable, Logic-Controlled Shutdown States:
- True Load Disconnect Option (MCP1642B)
- Input-to-Output Bypass Option (MCP1642D)
• Shutdown Current (All States): 1 µA
• Overtemperature Protection
• Available Packages:
- 8-Lead MSOP
- 8-Lead 2x3 DFN
Applications
• One, Two and Three-Cell Alkaline, Lithium
Ultimate and NiMH/NiCd Portable Products
• Single-Cell Li-Ion to 5V Converters
•PIC® MCU Power
• USB Emergency Backup Charger from Batteries
• Personal Medical Products
• Wireless Sensors
• Hand-Held Instruments
• GPS Receivers
• +3.3V to +5.0V Distributed Power Supply
General Description
The
MCP1642B/D
devices
are
compact,
high-efficiency, fixed-frequency, synchronous step-up
DC-DC converters. This family of devices provides an
easy-to-use power supply solution for applications
powered by either one-cell, two-cell, or three-cell
alkaline, Ultimate Lithium, NiCd, NiMH, one-cell Li-Ion
or Li-Polymer batteries.
Low-voltage technology allows the regulator to start-up
without high inrush current or output voltage overshoot
from
a
low
voltage
input.
High
efficiency
is
accomplished
by
integrating
the
low-resistance
N-Channel Boost switch and synchronous P-Channel
switch. All compensation and protection circuitry are
integrated
to
minimize
the
number
of
external
components. An open-drain Power Good output is
provided to indicate when the output voltage is within
10% of regulation and facilitates the interface with an
MCU. For standby applications, MCP1642B provides a
“true output disconnect” from input to output while in
shutdown (EN = GND). An additional device option
(MCP1642D) is available and connects “input to output
bypass” while in shutdown. Both options consume less
than 1 µA of input current.
For the adjustable (ADJ) device options, the output
voltage is set by a small external resistor divider. Fixed
VOUT device options do not require external divider
resistors. Two package options, 8-lead MSOP and 8-
lead 2x3 DFN, are available.
Package Types
PG
NC
VOUT
SGND
PGND
1
2
3
4
8
7
6
5 SW
VIN
EN
EP
9
PGND
SGND
PG
VFB
VOUT
SGND
PGND
1
2
3
4
8
7
6
5 SW
VIN
EN
EP
9
6
1
2
3
8 VIN
PGND
EN
VFB
PG
7 SGND
5
4
SW
VOUT
6
1
2
3
8 VIN
EN
NC
PG
7
5
4
SW
VOUT
MCP1642B/D-xx
MSOP
MCP1642B/D-xx
2x3 DFN*
MCP1642B/D-ADJ
MSOP
MCP1642B/D-ADJ
2x3 DFN*
* Includes Exposed Thermal Pad (EP); see Table 3-1.
1.8A Input Current Switch, 1 MHz Low-Voltage Start-Up
Synchronous Boost Regulator


Similar Part No. - MCP1642D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640-I/CH MICROCHIP-MCP1640-I/CH Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640-I/MC MICROCHIP-MCP1640-I/MC Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
More results

Similar Description - MCP1642D

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4851 MICRO-LINEAR-ML4851 Datasheet
286Kb / 9P
Low Current, Voltage Boost Regulator
logo
Supertex, Inc
LR645 SUTEX-LR645_07 Datasheet
812Kb / 9P
High Input Voltage SMPS Start-up / Linear Regulator
logo
Texas Instruments
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
logo
Semtech Corporation
SC120 SEMTECH-SC120_10 Datasheet
557Kb / 32P
Low Voltage Synchronous Boost Regulator
SC121 SEMTECH-SC121 Datasheet
335Kb / 23P
Low Voltage Synchronous Boost Regulator
logo
Texas Instruments
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
logo
Diodes Incorporated
AP72250 DIODES-AP72250 Datasheet
804Kb / 2P
Synchronous Boost Converter with Ultra Low Input Voltage Enables 5A Switch Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com