Electronic Components Datasheet Search
  English  ▼

X  

MCP1642D Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP1642D
Description  1.8A Input Current Switch, 1 MHz Low-Voltage Start-Up Synchronous Boost Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1642D Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP1642D Datasheet HTML 12Page - Microchip Technology MCP1642D Datasheet HTML 13Page - Microchip Technology MCP1642D Datasheet HTML 14Page - Microchip Technology MCP1642D Datasheet HTML 15Page - Microchip Technology MCP1642D Datasheet HTML 16Page - Microchip Technology MCP1642D Datasheet HTML 17Page - Microchip Technology MCP1642D Datasheet HTML 18Page - Microchip Technology MCP1642D Datasheet HTML 19Page - Microchip Technology MCP1642D Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
MCP1642B/D
DS20005253A-page 16
 2014 Microchip Technology Inc.
4.2.9
INTERNAL COMPENSATION
The error amplifier, with its associated compensation
network,
completes
the
closed-loop
system
by
comparing the output voltage to a reference at the
input of the error amplifier, and feeding the amplified
and inverted signal to the control input of the inner
current loop. The compensation network provides
phase leads and lags at appropriate frequencies to
cancel excessive phase lags and leads of the power
circuit. All necessary compensation components and
slope compensation are integrated.
4.2.10
SHORT-CIRCUIT PROTECTION
Unlike most boost converters, the MCP1642B/D
devices allow their output to be shorted during normal
operation.
The
internal
current
limit
and
overtemperature protection limit excessive stress and
protect the device during periods of short circuit,
overcurrent and overtemperature. While operating in
the Input-to-Output Bypass mode, the P-Channel
current limit is inhibited to minimize quiescent current.
4.2.11
LOW NOISE OPERATION
The MCP1642B/D devices integrate a low-noise
anti-ring switch that damps the oscillations typically
observed at the switch node of a boost converter when
operating in the Discontinuous Inductor Current mode.
This removes the high-frequency radiated noise.
4.2.12
OVERTEMPERATURE
PROTECTION
Overtemperature protection circuitry is integrated into
the MCP1642B/D devices. This circuitry monitors the
device junction temperature and shuts the device off if
the junction temperature exceeds the typical +150°C
threshold. If this threshold is exceeded, the device will
automatically restart when the junction temperature
drops by 35°C. The soft start is reset during an
overtemperature condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com