Electronic Components Datasheet Search
  English  ▼

X  

MCP1642D Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1642D
Description  1.8A Input Current Switch, 1 MHz Low-Voltage Start-Up Synchronous Boost Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1642D Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1642D Datasheet HTML 3Page - Microchip Technology MCP1642D Datasheet HTML 4Page - Microchip Technology MCP1642D Datasheet HTML 5Page - Microchip Technology MCP1642D Datasheet HTML 6Page - Microchip Technology MCP1642D Datasheet HTML 7Page - Microchip Technology MCP1642D Datasheet HTML 8Page - Microchip Technology MCP1642D Datasheet HTML 9Page - Microchip Technology MCP1642D Datasheet HTML 10Page - Microchip Technology MCP1642D Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
 2014 Microchip Technology Inc.
DS20005253A-page 7
MCP1642B/D
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN =EN= 1.2V, COUT =CIN =10µF, L = 4.7µH, VOUT =3.3V, ILOAD =15mA,
TA = +25°C (MCP1642B/D-ADJ, MSOP-8 package).
FIGURE 2-1:
VOUT IQPWM vs. Ambient
Temperature.
FIGURE 2-2:
3.3V VOUT vs. Ambient
Temperature.
FIGURE 2-3:
5.0V VOUT vs. Ambient
Temperature.
FIGURE 2-4:
2.0V VOUT Mode Efficiency
vs. IOUT.
FIGURE 2-5:
3.3V VOUT Mode Efficiency
vs. IOUT.
FIGURE 2-6:
5.0V VOUT Mode Efficiency
vs. IOUT.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
300
325
350
375
400
425
450
475
500
-40
-25
-10
5
20
35
50
65
80
Ambient Temperature (°C)
V
OUT = 3.3V
V
OUT = 5.0V
V
IN = 1.2V
V
OUT = 2.0V
3.304
3.306
3.308
3.310
3.312
3.314
-40
-25
-10
5
20
35
50
65
80
Ambient Temperature (°C)
I
OUT = 50 mA
V
IN = 1.8V
V
IN = 1.2V
4.980
4.985
4.990
4.995
5.000
5.005
5.010
-40
-25
-10
5
20
35
50
65
80
Ambient Temperature (°C)
V
IN = 2.5V
I
OUT = 50 mA
V
IN = 1.8V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
I
OUT (mA)
V
OUT = 2.0V
V
IN = 1.2V
V
IN = 1.6V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
I
OUT (mA)
V
OUT = 3.3V
V
IN = 1.2V
V
IN = 2.5V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
I
OUT (mA)
V
OUT = 5.0V
V
IN = 2.5V
V
IN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com