Electronic Components Datasheet Search
  English  ▼

X  

MCP1642D Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP1642D
Description  1.8A Input Current Switch, 1 MHz Low-Voltage Start-Up Synchronous Boost Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1642D Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP1642D Datasheet HTML 13Page - Microchip Technology MCP1642D Datasheet HTML 14Page - Microchip Technology MCP1642D Datasheet HTML 15Page - Microchip Technology MCP1642D Datasheet HTML 16Page - Microchip Technology MCP1642D Datasheet HTML 17Page - Microchip Technology MCP1642D Datasheet HTML 18Page - Microchip Technology MCP1642D Datasheet HTML 19Page - Microchip Technology MCP1642D Datasheet HTML 20Page - Microchip Technology MCP1642D Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
 2014 Microchip Technology Inc.
DS20005253A-page 17
MCP1642B/D
5.0
APPLICATION INFORMATION
5.1
Typical Applications
The MCP1642B/D synchronous boost regulators oper-
ate over a wide input and output voltage range. The
power efficiency is high for several decades of load
range. Output current capability increases with the
input voltage and decreases with the increasing output
voltage. The maximum output current is based on the
N-Channel peak current limit. Typical characterization
curves in this data sheet are presented to display the
typical output current capability.
5.2
Adjustable Output Voltage
Calculations
To calculate the resistor divider values for the
MCP1642B/D, the following equation can be used.
Where RTOP is connected to VOUT, RBOT is connected
to GND and both are connected to the VFB input pin:
EQUATION 5-1:
There are some potential issues with higher-value
resistors.
For
small
surface-mount
resistors,
environment contamination can create leakage paths
that significantly change the resistive divider ratio,
which in turn affects the output voltage. The FB input
leakage current can also impact the divider and change
the output voltage tolerance.
For boost converters, the removal of the feedback
resistors during operation must be avoided. In this
case, the output voltage will increase above the abso-
lute maximum output limits of the MCP1642B/D and
damage the device (for additional information, see
Application Note AN1337).
Overshoots
and
undershoots
on
pulsed
load
applications are reduced by adding a zero in the
compensation loop. A small capacitance (for example,
27 or 33 pF) in parallel with an upper feedback resistor
will reduce output spikes. This small capacitance also
attenuates the low-frequency component on the output
ripple that might appear when the device supplies light
loads (ranging from 75 to 150 mA) and on condition
that (VOUT –VIN) < 0.6V (see the application example
in Figure 6-1).
5.2.1
VIN >VOUT SITUATION
For VIN >VOUT, the output voltage will not remain in
regulation. VIN >VOUT is an unusual situation for a
boost converter, and there is a common issue when
two alkaline cells (2 x 1.6V typical) are used to boost to
3.0V output. A minimum headroom of approximately
200 to 300 mV between VOUT and VIN must be
ensured, unless a low frequency higher than the PWM
output ripple on VOUT is expected. This ripple and its
frequency are VIN dependent.
5.3
Power Good Output
The Power Good output is meant to provide a method
that gives information about the output state of the
device. The Power Good comparator is triggered when
VOUT reaches approximately 90% of regulation (on the
falling edge).
The PG pin is an open-drain output, which should be
connected to VOUT through an external pull-up resistor.
It is recommended to use a high-value resistor (to sink
µA from output) in order to use less power while
interfacing with an I/O PIC MCU port.
The Power Good block is internally supplied by the
maximum between the input and output voltage, and
the minimum voltage necessary is 0.9V. This is
important for applications in which the Power Good pin
is pulled-up to an external supply. If the output voltage
is less than 0.9V (e.g., due to an overcurrent situation
or an output short circuit, and also if the device is in
Shutdown - EN = GND), the input voltage has to be
high enough to drive the Power Good circuitry.
Power Good delay time is measured between the time
when VOUT starts to regulate and the time when there
is a response from Power Good output. Power Good
response time is measured between the time when
VOUT goes out of regulation with a 10% drop, and the
time when Power Good output gets to a low level. Both
Power Good delay time and Power Good response
time are specified in the DC Characteristics table.
Additionally, there are no blanking time or delays; there
is only a 3% hysteresis of the Power Good comparator.
Due to the dynamic response, MCU must interpret
longer transients.
EXAMPLE 1:
VOUT =3.3V
VFB = 1.21V
RBOT =309 k
RTOP =533.7 k (standard value = 536 k)
EXAMPLE 2:
VOUT =5.0V
VFB = 1.21V
RBOT =309 k
RTOP =967.9 k (standard value = 976 k)
R
TOP
R
BOT
V
OUT
V
FB
-------------1
–


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com